Electronic Components Datasheet Search
  English  ▼

X  

THS4500CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500CD
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4500CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4500CD Datasheet HTML 4Page - Texas Instruments THS4500CD Datasheet HTML 5Page - Texas Instruments THS4500CD Datasheet HTML 6Page - Texas Instruments THS4500CD Datasheet HTML 7Page - Texas Instruments THS4500CD Datasheet HTML 8Page - Texas Instruments THS4500CD Datasheet HTML 9Page - Texas Instruments THS4500CD Datasheet HTML 10Page - Texas Instruments THS4500CD Datasheet HTML 11Page - Texas Instruments THS4500CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
8
TYPICAL CHARACTERISTICS
Table of Graphs (5 V)
FIGURE
Small signal unity gain frequency response
51
Small signal frequency response
52
0.1 dB gain flatness frequency response
53
Large signal frequency response
54
Harmonic distortion (single-ended input to differential output) vs Frequency
55, 57, 63, 65
Harmonic distortion (differential input to differential output) vs Frequency
56, 58, 64, 66
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
59, 61, 67, 69
Harmonic distortion (differential input to differential output) vs Output voltage swing
60, 62, 68, 70
Harmonic distortion (single-ended input to differential output) vs Load resistance
71
Harmonic distortion (differential input to differential output) vs Load resistance
72
Third-order intermodulation distortion vs Frequency
73
Third-order intercept point vs Frequency
74
Slew rate vs Differential output voltage step
75
Large-signal transient response
76
Small-signal transient response
77
Voltage and current noise vs Frequency
78
Rejection ratios vs Frequency
79
Rejection ratios vs Case temperature
80
Output balance error vs Frequency
81
Open-loop gain and phase vs Frequency
82
Open-loop gain vs Case temperature
83
Input bias offset current vs Case temperature
84
Quiescent current vs Supply voltage
85
Input offset voltage vs Case temperature
86
Common-mode rejection ratio vs Input common-mode range
87
Output drive vs Case temperature
88
Harmonic distortion (single-ended and differential input) vs Output common-mode voltage
89
Small signal frequency response at VOCM
90
Output offset voltage vs Output common-mode voltage
91
Quiescent current vs Power-down voltage
92
Turnon and turnoff delay times
93
Single-ended output impedance in power down vs Frequency
94
Power-down quiescent current vs Case temperature
95
Power-down quiescent current vs Supply voltage
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com