Electronic Components Datasheet Search
  English  ▼

X  

THS4500CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500CD
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4500CD Datasheet(HTML) 1 Page - Texas Instruments

  THS4500CD Datasheet HTML 1Page - Texas Instruments THS4500CD Datasheet HTML 2Page - Texas Instruments THS4500CD Datasheet HTML 3Page - Texas Instruments THS4500CD Datasheet HTML 4Page - Texas Instruments THS4500CD Datasheet HTML 5Page - Texas Instruments THS4500CD Datasheet HTML 6Page - Texas Instruments THS4500CD Datasheet HTML 7Page - Texas Instruments THS4500CD Datasheet HTML 8Page - Texas Instruments THS4500CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
DGK-8
DGN-8
D-8
FEATURES
D Fully Differential Architecture
D Bandwidth: 370 MHz
D Slew Rate: 2800 V/µs
D IMD3: −90 dBc at 30 MHz
D OIP3: 49 dBm at 30 MHz
D Output Common-Mode Control
D Wide Power Supply Voltage Range: 5 V, ±5 V,
12 V, 15 V
D Input Common-Mode Range Shifted to
Include the Negative Power Supply Rail
D Power-Down Capability (THS4500)
D Evaluation Module Available
DESCRIPTION
The THS4500 and THS4501 are high-performance fully
differential amplifiers from Texas Instruments. The
THS4500, featuring power-down capability, and the
THS4501, without power-down capability, set new
performance standards for fully differential amplifiers
with unsurpassed linearity, supporting 14-bit operation
through 40 MHz. Package options include the 8-pin
SOIC and the 8-pin MSOP with PowerPAD
 for a
smaller footprint, enhanced ac performance, and
improved thermal dissipation capability.
APPLICATIONS
D High Linearity Analog-to-Digital Converter
Preamplifier
D Wireless Communication Receiver Chains
D Single-Ended to Differential Conversion
D Differential Line Driver
D Active Filtering of Differential Signals
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
RELATED DEVICES
DEVICE(1)
DESCRIPTION
THS4500/1
370 MHz, 2800 V/
µs, VICR Includes VS−
THS4502/3
370 MHz, 2800 V/
µs, Centered VICR
THS4120/1
3.3 V, 100 MHz, 43 V/
µs, 3.7 nV√Hz
THS4130/1
±15 V, 150 MHz, 51 V/µs, 1.3 nV√Hz
THS4140/1
±15 V, 160 MHz, 450 V/µs, 6.5 nV√Hz
THS4150/1
±15 V, 150 MHz, 650 V/µs, 7.6 nV√Hz
(1) Even numbered devices feature power-down capability
APPLICATION CIRCUIT DIAGRAM
f − Frequency − MHz
−80
−92
10
20
40
60
−74
THIRD-ORDER INTERMODULATION
DISTORTION
−62
80
100
−68
−86
−98
12
10
14
16
VS
392
Ω
+
−
−
+
800
Ω
VS+
VOUT
392
Ω
402
Ω
56.2
Ω
50
Ω
374
Ω
VOCM
2.5 V
VS−
30
50
70
90
VS = 5 V
VS = ±5 V
−
+
−
+
VOCM
12 Bit/80 MSps
IN
IN
5 V
Vref
5 V
VS
0.1
µF
10
µF
392
Ω
10 pF
1
µF
56.2
Ω
ADC
374
Ω
50
Ω
402
Ω
392
Ω
10 pF
24.9
Ω
24.9
Ω
PowerPAD is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA
information current as of publication date. Products conform to specifications per
the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002−2004, Texas Instruments Incorporated


Similar Part No. - THS4500CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4500CD TI1-THS4500CD Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4500CD NSC-THS4500CD Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500CDG4 TI1-THS4500CDG4 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4500CDG4 NSC-THS4500CDG4 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500CDGKR TI1-THS4500CDGKR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4500CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502 TI-THS4502 Datasheet
609Kb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4505 TI-THS4505 Datasheet
1Mb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com