Electronic Components Datasheet Search
  English  ▼

X  

THS4500CD Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500CD
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4500CD Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4500CD Datasheet HTML 20Page - Texas Instruments THS4500CD Datasheet HTML 21Page - Texas Instruments THS4500CD Datasheet HTML 22Page - Texas Instruments THS4500CD Datasheet HTML 23Page - Texas Instruments THS4500CD Datasheet HTML 24Page - Texas Instruments THS4500CD Datasheet HTML 25Page - Texas Instruments THS4500CD Datasheet HTML 26Page - Texas Instruments THS4500CD Datasheet HTML 27Page - Texas Instruments THS4500CD Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
24
INTERFACING TO AN ANALOG-TO-DIGITAL
CONVERTER
The
THS4500
family
of
amplifiers
are designed
specifically to interface to today’s highest-performance
analog-to-digital converters. This section highlights the
key concerns when interfacing to an ADC and provides
example ADC/fully differential amplifier interface circuits.
Key
design
concerns
when
interfacing
to
an
analog-to-digital converter:
D Terminate the input source properly. In high-frequency
receiver chains, the source feeding the fully
differential
amplifier
requires
a
specific
load
impedance (e.g., 50
Ω).
D Design a symmetric printed-circuit board layout.
Even-order distortion products are heavily influenced
by layout, and careful attention to a symmetric layout
will minimize these distortion products.
D Minimize inductance in power supply decoupling
traces
and
components.
Poor
power
supply
decoupling can have a dramatic effect on circuit
performance. Since the outputs are differential,
differential currents exist in the power supply pins.
Thus, decoupling capacitors should be placed in a
manner that minimizes the impedance of the current
loop.
D Use separate analog and digital power supplies and
grounds. Noise (bounce) in the power supplies
(created by digital switching currents) can couple
directly into the signal path, and power supply noise
can create higher distortion products as well.
D Use care when filtering. While an RC low-pass filter
may be desirable on the output of the amplifier to filter
broadband noise, the excess loading can negatively
impact the amplifier linearity. Filtering in the feedback
path does not have this effect.
D AC-coupling allows easier circuit design. If
dc-coupling is required, be aware of the excess power
dissipation that can occur due to level-shifting the
output through the output common-mode voltage
control.
D Do not terminate the output unless required. Many
open-loop,
class-A
amplifiers
require
50-
Ω
termination for proper operation, but closed-loop fully
differential amplifiers drive a specific output voltage
regardless
of
the
load
impedance
present.
Terminating the output of a fully differential amplifier
with a heavy load adversely effects the amplifier’s
linearity.
D Comprehend the VOCM input drive requirements.
Determine if the ADC’s voltage reference can provide
the required amount of current to move VOCM to the
desired value. A buffer may be needed.
D Decouple the VOCM pin to eliminate the antenna
effect. VOCM is a high-impedance node that can act as
an antenna. A large decoupling capacitor on this node
eliminates this problem.
D Be cognizant of the input common-mode range. If the
input signal is referenced around the negative power
supply rail (e.g., around ground on a single 5 V
supply), then the THS4500/1 accommodates the
input signal. If the input signal is referenced around
midrail, choose the THS4502/3 for the best operation.
D Packaging makes a difference at higher frequencies.
If possible, choose the smaller, thermally enhanced
MSOP package for the best performance. As a rule,
lower
junction
temperatures
provide
better
performance. If possible, use a thermally enhanced
package, even if the power dissipation is relatively
small compared to the maximum power dissipation
rating to achieve the best results.
D Comprehend the effect of the load impedance seen by
the fully differential amplifier when performing
system-level intercept point calculations. Lighter
loads (such as those presented by an ADC) allow
smaller intercept points to support the same level of
intermodulation distortion performance.
EXAMPLE ANALOG-TO-DIGITAL
CONVERTER DRIVER CIRCUITS
The THS4500 family of devices is designed to drive
high-performance ADCs with extremely high linearity,
allowing for the maximum effective number of bits at the
output of the data converter. Two representative circuits
shown below highlight single-supply operation and split
supply operation. Specific feedback resistor, gain resistor,
and feedback capacitor values are not specified, as their
values depend on the frequency of interest. Information on
calculating these values can be found in the applications
material above.
Figure 101
+
−
+
−
VOCM
12 Bit/80 MSps
IN
IN
5 V
CM
5 V
−5 V
VS
10
µF
0.1
µF
10
µF 0.1 µF
THS4503
Rf
Rf
CF
CF
1
µF
Rg
Rg
0.1
µF
RT
RS
ADS5410
Using the THS4503 With the ADS5410
Riso
Riso



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com