Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS2145IPWP Datasheet HTML 1Page - Texas Instruments TPS2145IPWP Datasheet HTML 2Page - Texas Instruments TPS2145IPWP Datasheet HTML 3Page - Texas Instruments TPS2145IPWP Datasheet HTML 4Page - Texas Instruments TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS2149
TPS2159
SLVS401 – AUGUST 2001
3.3-V LDO AND DUAL SWITCH
FOR USB BUS-POWERED HUB POWER MANAGEMENT
1
www.ti.com
FEATURES
D Complete Power Management Solution for
USB Bus-Powered Hubs
D 3.3-V 200 mA Low-Dropout Voltage Regulator
D Two 5-V 340-mΩ (Typ) High-Side MOSFETs
D Independent Thermal- and Short-Circuit
Protection for LDO and Each Switch
D Overcurrent Indicator With Transient Filter
D 2.9-V to 5.5-V Operating Range
D CMOS- and TTL-Compatible Enable Inputs
D 75-µA (Typ) Supply Current
D Available in 8-Pin MSOP (PowerPAD)
D –40°C to 85°C Ambient Temperature Range
APPLICATIONS
D USB Bus-Powered Hubs
– Keyboards
– Monitors
– Hub Boxes
DESCRIPTION
The TPS2149 incorporates two power distribution
switches and an LDO in one small package, providing
a USB bus-powered hub power management solution
that saves up to 60% in board space over typical
implementations.
The TPS2149 meets USB 2.0 bus-powered hub
requirements. An integrated LDO regulates the 5-V bus
power down to 3.3 V for the USB controller. The two
MOSFET switches provide power to the downstream
ports. With independent enables, the downstream ports
remain
unpowered
until
the
hub
completes
enumeration.
Each power-distribution switch is capable of supplying
200 mA of continuous current, and the independent
logic enables are compatible with 5-V logic and 3-V
logic. The switches and the LDO are designed with
controlled rise times and fall times to minimize current
surges.
The TPS2149 has active-low enables while the
TPS2159 has active-high enables.
LDO and dual switch family selection guide and schematics
LDO
LDO_OUT
LDO_ADJ
OC1
OUT1
OUT2
OC2
VIN/SW1
LDO_EN
EN1
SW2
EN2
GND
TPS2145/55
TSSOP–14
LDO
LDO_OUT
OC1
OUT1
OUT2
OC2
VIN/SW1
EN1
SW2
EN2
GND
TPS2147/57
MSOP–10
LDO
LDO_OUT
OUT2
OUT1
VIN/SW1
EN2
EN1
GND
TPS2148/58
MSOP–8
LDO_EN
LDO
LDO_OUT
OUT1
OUT2
OC
VIN
EN1
EN2
GND
TPS2149/59
MSOP–8
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TPS2145IPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2145IPWP TI-TPS2145IPWP Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2145IPWP TI-TPS2145IPWP Datasheet
570Kb / 29P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWP TI-TPS2145IPWP Datasheet
1Mb / 34P
LDO AND DUAL SWITCH WITH CONTROLLED RISE TIMES FOR DSP AND PORTABLE APPLICATIONS
TPS2145IPWP TI2-TPS2145IPWP Datasheet
955Kb / 22P
3.3-VLDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
AUGUST 2001
TPS2145IPWP TI2-TPS2145IPWP Datasheet
972Kb / 23P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
AUGUST 2001
More results

Similar Description - TPS2145IPWP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
Self- and Bus- Powered USB Hub Controller
logo
Texas Instruments
TPS2148 TI-TPS2148 Datasheet
251Kb / 18P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
TPS2140 TI-TPS2140 Datasheet
367Kb / 25P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB HIGH-POWER PERIPHERAL POWER MANAGEMENT
TPS2158 TI-TPS2158 Datasheet
274Kb / 19P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
Self- and Bus-Bus-powered USB Hub Controller
logo
Texas Instruments
TPS2149IDGNG4 TI1-TPS2149IDGNG4 Datasheet
457Kb / 23P
3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
logo
National Instruments Co...
NIUSB-5132 NI-NIUSB-5132 Datasheet
188Kb / 8P
Bus-Powered USB Digitizers
logo
Texas Instruments
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
TPS2148 TI1-TPS2148_14 Datasheet
444Kb / 22P
3.3-V LDO AND DUAL SWITCH FOR USB PERIPHERAL POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com