Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments TPS2145IPWP Datasheet HTML 10Page - Texas Instruments TPS2145IPWP Datasheet HTML 11Page - Texas Instruments TPS2145IPWP Datasheet HTML 12Page - Texas Instruments TPS2145IPWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS2149
TPS2159
SLVS401 – AUGUST 2001
9
www.ti.com
TYPICAL CHARACTERISTICS
Figure 4
SWITCH TURNON DELAY AND RISE TIME
WITH 120-
µF LOAD
t – Time – ms
02
4
6
8
10
12
14
16
18
20
VO(OUT)
(2 V/div)
VI = 5 V
TA = 25°C
CL = 120 µF
RL = 25 Ω
VI(EN)
(5 V/div)
Figure 5
SWITCH TURNOFF DELAY AND FALL TIME
WITH 120-
µF LOAD
t – Time – ms
04
8
12
16 20
24
28
32
36
40
VO(OUT)
(2 V/div)
VI = 5 V
TA = 25°C
CL = 120 µF
RL = 25 Ω
VI(EN)
(5 V/div)
Figure 6
SHORT-CIRCUIT CURRENT, SWITCH
ENABLED INTO A SHORT
t – Time – ms
01
2
3
4
56
7
8
9
10
IO(OUT)
(100 mA/div)
VI(EN)
(5 V/div)
Figure 7
VI(LDO_EN)
(5 V/div)
VO(LDO_OUT)
(1 V/div
LDO TURNON DELAY AND RISE TIME
WITH 4.7-
µF LOAD
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6 4.2
t – Time – ms
VI = 5 V
TA = 25°C
CL = 4.7 µF
RL = 13.2 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com