Electronic Components Datasheet Search
  English  ▼

X  

TPS2145IPWP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2145IPWP
Description  3.3-V LDO AND DUAL SWITCH FOR USB BUS-POWERED HUB POWER MANAGEMENT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2145IPWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS2145IPWP Datasheet HTML 1Page - Texas Instruments TPS2145IPWP Datasheet HTML 2Page - Texas Instruments TPS2145IPWP Datasheet HTML 3Page - Texas Instruments TPS2145IPWP Datasheet HTML 4Page - Texas Instruments TPS2145IPWP Datasheet HTML 5Page - Texas Instruments TPS2145IPWP Datasheet HTML 6Page - Texas Instruments TPS2145IPWP Datasheet HTML 7Page - Texas Instruments TPS2145IPWP Datasheet HTML 8Page - Texas Instruments TPS2145IPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS2149
TPS2159
SLVS401 – AUGUST 2001
2
www.ti.com
AVAILABLE OPTIONS
PACKAGE
PACKAGED DEVICES
TA
DESCRIPTION
AND PIN
COUNT
ACTIVE LOW
(SWITCH)
ACTIVE HIGH
(SWITCH)
Adjustable LDO with LDO enable
TSSOP-14
TPS2145IPWP
TPS2155IPWP
3.3-V fixed LDO
MSOP-10
TPS2147IDGQ
TPS2157IDGQ
– 40
°C to 85°C
3.3-V Fixed LDO with LDO enable and LDO output
switch
MSOP-8
TPS2148IDGN
TPS2158IDGN
3.3-V Fixed LDO, shared input with switches
MSOP-8
TPS2149IDGN
TPS2159IDGN
NOTE: All options available taped and reeled. Add an R suffix (e.g. TPS2145IPWPR)
TPS2149, TPS2159
MSOP (DGN) PACKAGE
(TOP VIEW)
EN1†
EN2†
OC
GND
8
7
6
5
1
2
3
4
OUT1
VIN
LDO_OUT
OUT2
† Pins 7 and 8 are active high for TPS2159.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Input voltage range: VI(VIN),VI(ENx),
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range: VO(OUTx), VO(LDO_OUT), VO(OC)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum output current, IO(OC)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(OUT), IO(LDO_OUT)
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual-junction temperature range, TJ
–40
°C to 110°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (ESD) protection:
Human body model
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged device model (CDM)
1 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
MSOP8
1455.5 mW
17.1 mW/
°C
684.9 mW
428.08 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com