Electronic Components Datasheet Search
  English  ▼

X  

KIA34063AF Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA34063AF
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA34063AF Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA34063AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2001. 4. 16
3/7
KIA34063A/AF
Revision No : 2
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Current
ICC
VCC=5.0~40V, CT=1.0nF,
Pin 7=VCC, Pin 2=GND,
VPIN5〉
VTH, remaining pins open
-
-
4.0
mA
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Threshold Voltage
VTH1
Ta=25
℃
1.225
1.25
1.275
V
Threshold Voltage
VTH2
Ta=TLOW~THIGH
1.21
-
1.29
V
Threshold Voltage Line Regulation
Reg line
VCC=3.0~40V
-
1.4
5.0
mV
Input Bias Current
IIB
VIN=0
-
-20
-400
nA
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Frequency
fOSC
VPIN5=0V, CT=1.0nF
24
33
42
kHz
Charge Current
ICHG
VCC=5.0~40V
24
35
42
μA
Discharge Current
IDISCHG
VCC=5.0~40V
140
220
260
μA
Discharge to Charge Current Ratio
IDISCHG/ICHG
Pin 7
~V
CC
5.2
6.5
7.5
-
Current Limit Sense Voltage
VIPK(SENSE)
IDISCHG=ICHG
250
300
350
mV
ELECTRICAL CHARACTERISTICS (V
CC=5.0V, Ta=25℃, unless otherwise specified)
OSCILLATOR SECTION
OUTPUT SWITCH SECTION (Note 2)
COMPARATOR SECTION
TOTAL DEVICE
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Saturation Voltage,
Darlington Connection
VCE(SAT1)
ISW=1.0A, Pins 1, 8 Connection
-
1.0
1.3
V
Saturation Voltage (Note 3)
VCE(SAT2)
ISW=1.0A, Forced β= ≃20
RPIN8=82Ω to VCC
-
0.45
0.7
V
DC Current Gain
hFE
ISW=1.0A, VCE=5.0A,
50
75
-
-
Collector Off-State Current
IC(OFF)
VCE=40V
-
0.01
100
μA
Note) 2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.
3. If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents (
≤300mA) and high driver
currents (
≥30mA), it may take up to 2.0μS for it to come out of saturation. This condition will shorten the off time at frequencies
≥30kHz, and is magnified at high temperatures. This condition does not occur with a Darlington configuration, since the output
switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is recommended ;
IC output
Forced
βof output switch :
≥ 10
IC driver-7.0mA *
* The 100
Ω resistor in the emitter of the driver device requires about 7.0mA before the output switch conducts.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com