Electronic Components Datasheet Search
  English  ▼

X  

KIA34063AF Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA34063AF
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA34063AF Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIA34063AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2001. 4. 16
6/7
KIA34063A/AF
Revision No : 2
Q2
Q1
100
SQ
R
I
OSC
C
PK
T
COMP.
+
-
1.25V
REF
REG
8
7
6
5
1
2
3
4
C
8.2K
R2
953
R1
V
R
0.24
4.5V TO 6.0V
100
V
1500
pF
-12V/100mA
V
in
sc
+
O
out
CC
1.0
µH
100
VOUT
OPTIONAL FILTER
1N5819
88
µH
L
+
1000
µf
(2) Voltage Inverting Converter
TEST
CONDITIONS
RESULTS
Line Regulation
VIN=4.5V to 6.0V, IO=100mA
3.0mV=
±0.012%
Load Regulation
VIN=5.0V, IO=10mA to 100mA
0.022V=
±0.09%
Output Ripple
VIN=5.0V, IO=100mA
500 mVpp
Short Circuit Current
VIN=5.0V, RL=0.1Ω
910mA
Efficiency
VIN=5.0V, IO=100mA
62.2%
Output Ripple With Optional Filter
VIN=5.0V, IO=100mA
70 mVpp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com