Electronic Components Datasheet Search
  English  ▼

X  

KIA34063AF Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA34063AF
Description  SEMICONDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA34063AF Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA34063AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA34063AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2001. 4. 16
7/7
KIA34063A/AF
Revision No : 2
200
-55
AMBIENT TEMPERATURE Ta ( C)
IPK(SENSE)
V
- Ta
OSCILLATOR TIMING CAPACITOR C
(pF)
t
, t
- C
on
10
µs/DIV
TIMING CAPACITOR WAVEFORM
V
=5.0V
Pin7=V
CC
V
=5.0V
Pins3,5=GND
EMITTER CURRENT I
(A)
1.0
0
E
V
- I
CE(sat)
E
Pins1,7,8=V
CC
CC
Ta=25 C
COLLECTOR CURRENT I
(A)
0
0
C
V
- I
CE(sat)
C
-25
0
25
50
75
100
CC
I
=I
V
=5.0V
SUPPLY VOLTAGE V
(V)
0
0
C =1.0nF
PIN7=V
Pin2=GND
I
- V
CC
T
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
(SEE NOTE 3)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
(SEE NOTE 3)
Pins2,3,5=GND
Pin7=V
Ta=25 C
V
=5.0V
CC
CC
DARLINGTON CONNECTION
FORCED
β=20
125
240
280
320
360
400
220
260
300
340
380
chg
dischg
CC
CC
510
15
20
25
30
35
40
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
CC
10
1
10
T
off
T
CC
Pin2=GND
Pins1,5,8=OPEN
C =1.0nF
Ta=25 C
T
Pin5=GND
V
=5.0V
Pin7=V
CC
CC
Ta=25 C
t on
toff
10
10
10
23
4
5
10
10
2
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com