Electronic Components Datasheet Search
  English  ▼

X  

SI5347 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SI5347
Description  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SI5347 Datasheet HTML 9Page - Silicon Laboratories SI5347 Datasheet HTML 10Page - Silicon Laboratories SI5347 Datasheet HTML 11Page - Silicon Laboratories SI5347 Datasheet HTML 12Page - Silicon Laboratories SI5347 Datasheet HTML 13Page - Silicon Laboratories SI5347 Datasheet HTML 14Page - Silicon Laboratories SI5347 Datasheet HTML 15Page - Silicon Laboratories SI5347 Datasheet HTML 16Page - Silicon Laboratories SI5347 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
3.7.4 LOL Detection
There is an LOL monitor for each of the DSPLLs. The LOL monitor asserts an LOL register bit when a DSPLL has lost synchronization
with its selected input clock. There is also a dedicated loss of lock pin that reflects the loss of lock condition for each of the DSPLLs
(LOL_Ab, LOL_Bb, LOL_Cb, LOL_Db). The LOL monitor functions by measuring the frequency difference between the input and feed-
back clocks at the phase detector. There are two LOL frequency monitors, one that sets the LOL indicator (LOL Set) and another that
clears the indicator (LOL Clear). An optional timer is available to delay clearing of the LOL indicator to allow additional time for the
DSPLL to completely lock to the input clock. The timer is also useful to prevent the LOL indicator from toggling or chattering as the
DSPLL completes lock acquisition. A block diagram of the LOL monitor is shown in the figure below. The live LOL register always dis-
plays the current LOL state and a sticky register always stays asserted until cleared. The LOLb pin reflects the current state of the LOL
monitor.
LOS
LOL Status Registers
Sticky
Live
DSPLL B
PD
LPF
÷M
LOL Monitor
DSPLL A
DSPLL C
DSPLL D
LOL_Ab
LOL_Bb
LOL_Cb
LOL_Db
DSPLL A
t
LOL
Clear
LOL
Set
fIN
Si5347
Figure 3.11. LOL Status Indicators
Each of the LOL frequency monitors has adjustable sensitivity, which is register-configurable from 0.1 ppm to 10,000 ppm. Having two
separate frequency monitors allows for hysteresis to help prevent chattering of LOL status. An example configuration where LOCK is
indicated when there is less than 0.1 ppm frequency difference at the inputs of the phase detector and LOL is indicated when there is
more than 1 ppm frequency difference is shown in the figure below.
Si5347/46 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com