Electronic Components Datasheet Search
  English  ▼

X  

SI5347 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI5347
Description  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5347 Datasheet(HTML) 3 Page - Silicon Laboratories

  SI5347 Datasheet HTML 1Page - Silicon Laboratories SI5347 Datasheet HTML 2Page - Silicon Laboratories SI5347 Datasheet HTML 3Page - Silicon Laboratories SI5347 Datasheet HTML 4Page - Silicon Laboratories SI5347 Datasheet HTML 5Page - Silicon Laboratories SI5347 Datasheet HTML 6Page - Silicon Laboratories SI5347 Datasheet HTML 7Page - Silicon Laboratories SI5347 Datasheet HTML 8Page - Silicon Laboratories SI5347 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
2. Ordering Guide
Table 2.1. Si5347/46 Ordering Guide
Ordering Part Number
Number Of
DSPLLs
Number of
Outputs
Output Clock
Frequency Range
Package
RoHS-6,
Pb-Free
Temp Range
Si5347A-D-GM1,2
4
8
0.0001 to 712.5 MHz
64-Lead 9x9
QFN
Yes
–40 to 85 °C
Si5347B-D-GM1,2
0.0001 to 350 MHz
Si5347C-D-GM1,2
4
0.0001 to 712.5 MHz
Si5347D-D-GM1,2
0.0001 to 350 MHz
Si5346A-D-GM1,2
2
4
0.0001 to 712.5 MHz
44-Lead 7x7
QFN
Si5346B-D-GM1,2
0.0001 to 350 MHz
Si5347-D-EVB
—
—
—
Evaluation
Board
—
—
Si5346-D-EVB
—
—
—
—
—
Notes:
1. Add an R at the end of the device part number to denote tape and reel ordering options.
2. Custom, factory pre-programmed devices are available. Ordering part numbers are assigned by the ClockBuilder Pro software.
Part number format is: Si5347A-Dxxxxx-GM or Si5346A-Dxxxxx-GM, where “xxxxx” is a unique numerical sequence representing
the pre-programmed configuration.
Si534fg-Rxxxxx-GM
Timing product family
f = Multi-PLL clock family member (7, 6)
g = Device grade (A, B, C, D)
Product Revision*
Custom ordering part number (OPN) sequence ID**
Package, ambient temperature range (QFN, -40 °C to +85°C)
*See Ordering Guide table for current product revision
** 5 digits; assigned by ClockBuilder Pro
Figure 2.1. Ordering Part Number Fields
Si5347/46 Rev D Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com