Electronic Components Datasheet Search
  English  ▼

X  

CM3842CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM3842CS
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3842CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM3842CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CM3842/3843
CURRENT MODE PWM CONTROLLER
2001/06/27
Advanced
Champion Microelectronic Corporation
Page 4
RECOMMENDED OPERATING CONDITIONS
Recommended Operating
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage
VCC / VC
30
V
VI,RT/CT
Input Voltage
VI,ISENSE/VFB
0
5.5
V
Output Voltage
VO, Output
0
30
V
Supply Current
ICC
25
mA
Average Output Current
IO
200
mA
Reference Output Current
IO(REF)
-20
mA
Timing Capacitor
CT
1
nF
Oscillator Frequency
fOSC
100
500
KHz
Operating Free-air Temperature
TA
0
70
OC
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the operating ambient temperature for CM384X with 0
OC
≤
TA
≤70 OC; VCC = 15V(note 7); RT = 10K;CT = 3.3nF. Low duty cycle pulse testing techniques are used which
maintains junction and case temperatures equal to the ambient temperature.
CM384X
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Reference Section
Reference output Voltage
VREF
TJ = 25
OC, IREF = 1mA
4.9
5.0
5.1
V
Line Regulation
12V
≤ VCC ≤ 25V,TJ = 25 OC
6
20
mV
Load Regulation
1mA
≤ IREF ≤ 20mA
6
25
mV
Short Ciruit Output Current
ISC
TJ = 25
OC
-30
-100
-180
mA
Oscillator Section
Oscillation Frequency
f
TJ = 25
OC
47
52
57
KHz
Frequency Change with Voltage
12V
≤ VCC ≤ 25V
0.2
1.0
%
Frequency Change with Temperature
(note 8)
TMIN
≤ TA ≤ TMAX
5
%
Peak-to-peak Amplitude At RT/CT
VOSC
1.7
V
Current Sense Section
Gain (note 9 & 10)
AVOL
2.85
3.00
3.15
V/V
Maximum Input Signal (note 9)
VI(MAX)
COMP = 5V
0.9
1.0
1.1
V
Power Supply Rejection Ratio (note 9)
PSRR
12V
≤ VCC ≤ 25V (note 9)
70
dB
Input Bias Current
IBIAS
-3.0
-10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com