Electronic Components Datasheet Search
  English  ▼

X  

CM3842CS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CM3842CS
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3842CS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CM3842CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 11Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CM3842/3843
CURRENT MODE PWM CONTROLLER
2001/06/27
Advanced
Champion Microelectronic Corporation
Page 8
TYPICAL CHARACTERISTICS
Oscillator Frequency and Frequemcy Variation
10
100
1,000
10,000
100,000
1,000,000
110
100
1000
RT-Timing Resistance (unit: k ohm)
1uF
0.1uF
0.01uF
0.001uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com