Electronic Components Datasheet Search
  English  ▼

X  

CM3842CS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CM3842CS
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM3842CS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CM3842CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 6Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 7Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 8Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 9Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 10Page - List of Unclassifed Manufacturers CM3842CS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CM3842/3843
CURRENT MODE PWM CONTROLLER
2001/06/27
Advanced
Champion Microelectronic Corporation
Page 6
APPLICATION INFORMATION
Fig. 1. Current Sense Circuit
Peak current (IS) is set by: IS(MAX) = 1V/RS
Fig. 3. Oscillator Section
1.72
Fig. 2. Error Amplifier Configuration - the
amplifier can source or sink up to 0.5mA
For RT < 5K, f =
RTCT
Fig. 4. Open-loop laboratory test fixture: Careful grounding techniques are necessary for high peak
currents associated with capacitive loads. Timing and bypass capacitors should be connected to
GND pin in a single point ground. The transistor and 5K potentiometer are used to sample the
oscillator waveform and apply an adjustable ramp to the ISENSE pin
GND
ISENSE
COMP
Error
Amp
RS
Rf
Cf
R
2R
1V
Current
Sense
Comparator
4.7K
1K
Error AMP
Adjust
4.7K
2N2222
100K
5K
ISENSE
Adjust
COMP
VFB
ISENSE
RT/CT
GND
VREF
VCC
Output
0.1
µµµµF
Output
1K,
1W
VCC
VREF
0.1
µµµµF
GND
CT
RT
2.5V
Zf
Zi
0.5mA
VFB
COMP
Error
Amp
GND
RT/CT
VREF
CT
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com