Electronic Components Datasheet Search
  English  ▼

X  

NLP150H Datasheet(PDF) 4 Page - Artesyn Technologies

Part # NLP150H
Description  Single, dual, triple and quad output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150H Datasheet(HTML) 4 Page - Artesyn Technologies

  NLP150H Datasheet HTML 1Page - Artesyn Technologies NLP150H Datasheet HTML 2Page - Artesyn Technologies NLP150H Datasheet HTML 3Page - Artesyn Technologies NLP150H Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALL DIMENSIONS IN INCHES (mm)
5.175
(131.445)
5.500
(139.70)
2.275
(57.785)
2.300
(58.42)
2.80
(71.12)
0.35
(8.89)
7.50
(190.50)
6.05
(153.67)
5.625
(142.875)
0.22
(5.59)
0.41
(10.41)
0.138 (3.505)
32-UNC-2B (10 PLACES) (3 EACH
SIDE, 4 ON BOTTOM)
1/4" max. Thread penetration -Typ.
0.156 (3.96) (4 PLS)
1.775
(45.09)
1.825
(46.36)
0.38
(9.65)
0.59
(14.99)
0.48
(12.19)
1.750
(44.45)
OUTPUT CABLE ASSEMBLY
P1 MAIN OUTPUT - 6 INCHES LONG
P4-6 SIG OUTPUTS - 8 INCHES LONG
3.10
(78.74)
2.57
(65.28)
3.00
(76.20)
0.63
(16.00)
6.50
(165.1)
1.50
(38.10)
40mm INTERNAL FAN
2.09
(53.09)
2.000
(50.8)
0.50
(12.70)
0.691
(17.55)
AIR FLOW
THIRD ANGLE
PROJECTION
IEC - 380
AC INLET
0.138 (3.505)
32-UNC-2B (2 PLACES)
Tolerances unless otherwise specified
.xx
=
± 0.02
.xxx
=
± 0.010
0.94
(23.88)
0.14
(3.56)
14
7
8
1
P1 OUTPUT POWER CONNECTOR
MATING END OF CONNECTOR
SHOWN
Enclosed mechanical drawing
Signal pin assignment (P4, P5, P6)
Three two-pin Molex mini-fit connectors (P/N: 39-01-4031) with 0.165 inch
spacing or equivalent with Molex crimp terminals (P/N: 39-00-0039) or
equivalent. The pin assignment is summarized in the following tables.
Pin numbering is from right to left facing the connector.
PIN CONNECTIONS
P4 (ALL MODELS)
Pin 1
- Sense VA
Pin 2
+ Sense VA
Pin 3
No Connection
PIN CONNECTIONS
P5 (ALL MODELS)
Pin 1
VA Return
Pin 2
No Connection
Pin 3
Power Good
PIN CONNECTIONS
P6 (ALL MODELS)
Pin 1
No Connection
Pin 2
- Sense VB
Pin 3
+ Sense VB
1
3
P4 Va Sense
1
3
P5 Power Good
1
3
P6 Vb Sense
Output pin assignment (P1)
Molex mini-fit connector (P/N: 39-01-2145) or equivalent with Molex crimp
terminals (P/N: 39-00-0059) or equivalent. The pin assignment is summarized
below.
125 to 150 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
125-150W AC/DC
PAGE 61
http://www.artesyn.com
OUTPUT PIN CONNECTIONS
P1
SINGLE
DUAL
TRIPLE
QUAD
Pin 1
Return
Return
Return
Return
Pin 2
Return
Return
Return
Return
Pin 3
Return
Return
Return
Return
Pin 4
VA
VB
VB
VB
Pin 5
VA
VB
VB
VB
Pin 6
VA
VB
VB
VB
Pin 7
VA
VB
VC
VD
Pin 8
Return
Return
No Connect.
VC
Pin 9
Return
Return
Return
Return
Pin 10
Return
Return
Return
Return
Pin 11
Return
Return
Return
Return
Pin 12
VA
VA
VA
VA
Pin 13
VA
VA
VA
VA
Pin 14
VA
VA
VA
VA
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com