Electronic Components Datasheet Search
  English  ▼

X  

NLP150H Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP150H
Description  Single, dual, triple and quad output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150H Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP150H Datasheet HTML 1Page - Artesyn Technologies NLP150H Datasheet HTML 2Page - Artesyn Technologies NLP150H Datasheet HTML 3Page - Artesyn Technologies NLP150H Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Patent No. 5600546 and 5652700
NLP150H SERIES
Single, dual, triple and quad output
[ 2 YEAR WARRANTY ]
• 6.5 x 3.0 x 3.06 package (2U applications)
• Smallest industry footprint
• EN61000-3-2 compliant
• Overvoltage and short circuit protection
• 150W with 150LFM
• EN55022, EN55011 conducted emissions level B
• EN61000-4-2, -3, -4, -5, -6 immunity compliant
• UL, VDE and CSA safety approvals
The NLP150H series is a 150W universal input AC/DC power supply in a 6.5 x 3.0 x
3.06 inch package for use in 2U applications. The series has the smallest standard
125 to 150W footprint in the industry, has input harmonic current emission correction
as standard and has 3.3V models to support the semiconductor industry's transition
from 5V to lower operating voltages. The NLP150H provides 150W of output power
with 150LFM of air. Standard features include overvoltage and short circuit protection.
The series has an enclosure with fan option that does not change the overall package
size. The series, with full international safety approval and the CE mark, meets
conducted emissions EN55022 level B and complies to EN61000-4-2,-3,-4, -5 and -6
immunity standards. The NLP150H series is designed for use in low power data
networking, computer and telecom applications such as hubs, routers, file servers,
graphic workstations, storage peripherals and PABX's.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 58
OUTPUT SPECIFICATIONS
Total regulation
Single outputs
±2.0%
(Line and load)
Multiple outputs (5V, 3.3V)
±2.0%
Auxiliary outputs
±5.0%
Rise time
At turn-on
250ms, max.
Transient response
Main output
5.0% or 250mV
25% step
max. dev., 1ms max.
at 0.1A/µs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Single outputs and
125% of nominal
multi outputs 1 and 2
±10% tolerance
Short circuit protection
Continuous
Minimum output current
Yes, see table
Remote sense
Outputs 1 and 2
0.5V max. drop
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
120VAC
19A max.
(cold start)
230VAC
38A max.
Safety ground
120VAC, 60Hz
0.7mA
leakage current
230VAC, 50Hz
1.4mA
Input current
120VAC
2.4A max.
Input fuse
UL, IEC approved
250VAC 6.3A
EMC CHARACTERISTICS (7)
Conducted emissions
EN55022, FCC part 15
Level B
Radiated emissions
EN55022, FCC part 15
Level A
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Hold-up time
120VAC, 60Hz
16ms @ 150W
Efficiency
72% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Fixed
100kHz, ±10kHz
Approvals and
VDE0805, EN60950
standards
IEC950, UL1950
(See Note 6)
CSA C22.2 No. 950
Weight
Open-frame
680g (24 oz)
With cover and fan
900g (31.77 oz)
Size
Open-frame
6.5 x 3.0 x 3.06 in.
With cover and fan 7.5 x 3.0 x 3.10 in.
MTBF
MIL-HDBK-217F
> 200,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
0°C to +50°C ambient,
150W
150LFM forced air
Non-operating
-40°C to +85°C
+50°C to +70°C,
Derate to
150LFM forced air
50% load
Peak (0°C to +50°C, 60s) (See Note 2)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 4)
5Hz to 500Hz
2.4G rms peak
Shock
per MIL-STD-810E
516.4 Part IV


Similar Part No. - NLP150H

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L-96S3 ARTESYN-NLP150L-96S3 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
Emerson Network Power
NLP150L-96S3J EMERSON-NETWORKPOWER-NLP150L-96S3J Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
More results

Similar Description - NLP150H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
Single and triple output
logo
Zetex Semiconductors
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Artesyn Technologies
CL40 ARTESYN-CL40 Datasheet
49Kb / 2P
Single and triple output
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
Quad, single, triple and dual video amplifiers
logo
Artesyn Technologies
NAL25-7608 ARTESYN-NAL25-7608 Datasheet
70Kb / 2P
Single, dual and triple output
logo
Emerson Network Power
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
Single and quad output
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
NFS40-7607 ARTESYN-NFS40-7607 Datasheet
461Kb / 4P
SIngle and triple output
NLP65-9605GJ ARTESYN-NLP65-9605GJ Datasheet
614Kb / 5P
Single, Dual and Triple Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com