Electronic Components Datasheet Search
  English  ▼

X  

NLP150H Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP150H
Description  Single, dual, triple and quad output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP150H Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP150H Datasheet HTML 1Page - Artesyn Technologies NLP150H Datasheet HTML 2Page - Artesyn Technologies NLP150H Datasheet HTML 3Page - Artesyn Technologies NLP150H Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Notes
1
150LFM forced air cooling (150W max.).
2
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total regulation
limits.
3
Figure is peak-to-peak. Output noise measurements are made across a
20MHz bandwidth using a 12 inch twisted pair, terminated with a 47µF
capacitor.
4
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G
rms 5Hz to 500Hz.
5
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
7
For system EMI compliance, a ground choke may be required before
connecting the ground wire to the chassis.
8
To order the NLP150H with an enclosure, add the suffix 'E' to the model
number e.g. NLP150H-96XXE. See page 61 for details.
9
For single output models, J2 and J3 must be connected in parallel for
proper operation. To maintain specified regulation on enclosed single
output models and on V
A and VB of enclosed multiple output models, the
remote sense pins should be used.
10 For optimum reliability no part of the heatsink should exceed 120°C and
no semi-conductor case temperature should exceed 135°C.
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0108
Licence No. 98724
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
150W
75W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE
Output Power (Watts)
150 LFM FORCED
AIR COOLING
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
MODEL
VOLTAGE
MIN
MAX (1)
PEAK (2)
REGULATION
NUMBERS (8,9)
5V
3A
30A
36A
50mV
±2.0%
NLP150H-9605
12V
1.25A
12.5A
15A
120mV
±2.0%
NLP150H-9612
13.8V
1.1A
11A
13A
120mV
±2.0%
NLP150H-9614
24V
0.63A
6.3A
7.5A
240mV
±2.0%
NLP150H-9624
48V
0.32A
3.2A
3.75A
480mV
±2.0%
NLP150H-9617
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9690
3.3V (VB)
1.5A
15A
18A
50mV
±2.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9608
12V (VB)
0.63A
6.3A
7.5A
120mV
±2.0%
–12V (VC)
0A
0.8A
1.0A
120mV
±5.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9610
15V (VB)
0.5A
5A
6A
150mV
±2.0%
–15V (VC)
0A
0.8A
1.0A
150mV
±5.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9691
3.3V (VB)
1.2A
12A
15A
50mV
±2.0%
12V (VC)
0A
1.25A
1.25A
120mV
±5.0%
-12V (VD)
0A
0.8A
1.0A
120mV
±5.0%
5V (VA)
1.5A
15A
18A
50mV
±2.0%
NLP150H-9602
12V (VB)
0.63A
6.3A
7.5A
120mV
±2.0%
24V (VC)
0A
0.8A
1.0A
240mV
±5.0%
-12V (VD)
0A
0.8A
1.0A
120mV
±5.0%
125 to 150 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
125-150W AC/DC
PAGE 59
http://www.artesyn.com
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com