Electronic Components Datasheet Search
  English  ▼

X  

DS2770BE/T Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS2770BE/T
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770BE/T Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS2770BE/T Datasheet HTML 8Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 9Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 10Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 11Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 12Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 13Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 14Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 15Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
DS2770
12 of 27
ELAPSED TIME REGISTER FORMAT Figure 10
MSB—Address 02
LSB—Address 03
215 214 213 212 211 210 29
28
27
26
25
24
23
22
21 20
MSb
LSb
MSb
LSb
Units: 0.015625hr
MEMORY
The DS2770 has a 256-byte linear address space with registers for instrumentation, status, and control in
the lower 32 bytes, with lockable EEPROM and SRAM memory occupying portions of the remaining
address space. All EEPROM and SRAM memory is general purpose except addresses 31h, 32h, 33h, and
34h, which should be written with the default values for the Status Register (31h), Current Offset Register
(32h to 33h), and Charge Time Register (34h). When the MSB of any two-byte register is read, both the
MSB and LSB are latched and held for the duration of the Read Data command to prevent updates during
the read and ensure synchronization between two register bytes. For consistent results, always read the
MSB and the LSB of a two-byte register during the same Read Data command sequence.
EEPROM memory is shadowed by RAM to eliminate programming delays between writes and to allow
the data to be verified by the host system before being copied to EEPROM. All reads and writes to/from
EEPROM memory actually access shadow RAM. In unlocked EEPROM blocks, the Write Data
command updates shadow RAM. In locked EEPROM blocks, the Write Data command is ignored. The
Copy Data command copies the contents of shadow RAM to EEPROM in an unlocked block of
EEPROM, but has no effect on locked blocks. The Recall Data command copies the contents of a block
of EEPROM to shadow RAM.
Lockable EEPROM is byte programmable and functions as EEPROM until reprogramming is disabled by
the user. The lockable EEPROM can be locked in separate blocks and operate as general EEPROM until
locked by the Lock command [6Axxh]. Reprogramming of the lockable EEPROM blocks is permanently
disabled once the Lock command is used. Addresses 20 to 2Fh comprise a first 16-byte block, addresses
30 to 3Fh comprise a second 16-byte block, and addresses 40 to 47h comprise a third 8-byte block.
Within the second block, address 31h holds the Status Register initialization data, addresses 32h and 33h
hold the Current Offset Register, and address 34h holds the Charge Time Register initialization data. The
Status Register initialization data is supplied to the Status Register in location address 01h on either a
device power up or upon the execution of the Refresh command [63h]. The charge time initialization data
is supplied to the Charge Time Register in address 06h upon the start of fast charge. The Status Register
and the Charge Time Register are both initialized directly from the EEPROM and not from the shadow
RAM. However, the current offset data is supplied directly from the shadow RAM. See the sections on
the Status Register and the Charge Time Register for more detailed information. See the detailed Memory
Map in Figure 11 for more information on the DS2770 memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com