Electronic Components Datasheet Search
  English  ▼

X  

DS2770BE/T Datasheet(PDF) 24 Page - Dallas Semiconductor

Part # DS2770BE/T
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770BE/T Datasheet(HTML) 24 Page - Dallas Semiconductor

Back Button DS2770BE/T Datasheet HTML 19Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 20Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 21Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 22Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 23Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 24Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 25Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 26Page - Dallas Semiconductor DS2770BE/T Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
DS2770
24 of 27
ABSOLUTE MAXIMUM RATINGS*
Voltage on VIN, Relative to Ground
-0.3V to VDD + 0.3V
Voltage on VCH, CC , UV
-0.3V to +18V
Voltage on Any Other Pin, Relative to Ground
-0.3V to +6V
Current Max Iol CC , UV
20mA
Continuous Internal Sense Current
±2.5A
Pulsed Internal Sense Current
±50A for <100
ms/sec, <1000 pulses
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC
OPERATING CONDITIONS
(-20
°C to +70°C, 2.7V £ VDD £ 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VDD
2.7
5.5
V
1
Data Pin
DQ
-0.3
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-20
°C to +70°C, 2.7V £ VDD £ 5.5V)
PARAMETER
SYMBOL CONDITION MIN
TYP
MAX
UNITS NOTES
Supply Current,
Sleep Mode
ISLEEP
DQ = 0,
no activity
0.5
1
mA9
Supply Current,
Active Mode
IACTIVE
DQ = 1,
normal operation
80
120
mA9
VCH Input Current
IVCH
VCH = 5V
100
150
mA9
DQ Input Logic High
VIH
1.5
V
1
DQ Input Logic Low
VIL
0.4
V
1
VDD = 4.1V,
VDQ = 0.4V.
0.5
DQ Input Pull-Down
Current
IPD
VDD = 5.5V,
VDQ=5.5V
5
mA
Input Resistance,
Pins VIN
RIN
15
M
W
DQ Output Logic
Low
VOL
IOL = 4mA
0.4
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com