Electronic Components Datasheet Search
  English  ▼

X  

DS92CK16 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92CK16
Description  3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92CK16 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS92CK16 Datasheet HTML 1Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 2Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 3Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 4Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 5Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 6Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 7Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 8Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
Enable Input Voltage
(DE, OE, CrdCLK
IN)
−0.3V to +4V
Voltage (CLK
OUT)
−0.3V to (V
CC + 0.3V)
Voltage (CLKI/O±)
−0.3V to +4V
Driver Short Circuit Current
momentary
Receiver Short Circuit Current
momentary
Maximum Package Power Dissipation at +25˚C
TSSOP Package
1500 mW
Derate TSSOP Package
8.2 mW/˚C above +25˚C
θ
JA
95˚C/W
θ
JC
30˚C/W
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature Range
(Soldering, 4 sec.)
260˚C
ESD Ratings: HBM (Note 2)
>3000V
CDM (Note 2)
>1000V
Machine Model (Note 2)
>200V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
+3.0
+3.3
+3.6
V
CrdCLK
IN, DE, OE
Input Voltage
0
V
CC
V
Operating Free Air
Temperature (T
A)
−40
25
+85
˚C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 3, 4).
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
V
TH
Input Threshold High
CLKI/O+,
CLKI/O−
25
+70
mV
V
TL
Input Threshold Low
−70
-35
mV
VCMR
Common Mode Voltage
Range (Note 5)
VID = 250 mV pk to pk
|VID|/2
2.4 -
|VID|/2
V
I
IN
Input Current
V
IN = 0V to VCC,DE = VCC,OE =
V
CC, Other Input = 1.2V ± 50 mV
−20
±5
+20
µA
V
OH1R
Output High Voltage
VID = 250 mV, I
OH = −1.0 mA
CLK
OUT
V
CC−0.4
2.9
V
V
OH2R
Output High Voltage
VID = 250 mV, I
OH = −6 mA
V
CC−0.8
2.5
V
V
OL1R
Output Low Voltage
I
OL = 1.0 mA, VID = −250 mV
0.06
0.3
V
V
OL2R
Output Low Voltage
I
OL = 6 mA, VID = −250 mV
0
0.4
V
I
ODHR
CLK
OUT Dynamic
Output Current (Note 6)
VID = +250 mV, V
OUT = VCC−1V
−8
-16
-30
mA
I
ODLR
CLK
OUT Dynamic
Output Current (Note 6)
VID = −250 mV, V
OUT = 1V
10
21
35
mA
V
IH
Input High Voltage
DE, OE,
CrdCLK
IN
2.0
V
CC
V
V
IL
Input Low Voltage
GND
0.8
V
I
IH
Input High Current
V
IN = VCC or 2.4V
OE, DE
−10
−2
+10
µA
I
IL
Input Low Current
V
IN = GND or 0.4V
−20
−5
+20
µA
I
INCRD
Input Current
V
IN = 0V to VCC,OE = VCC
CrdCLK
IN
−5
+5
µA
V
CL
Input Voltage Clamp
I
OUT = −1.5 mA
OE, DE,
CrdCLK
IN
−0.8
V
I
CC
No Load Supply Current
Outputs Enabled, No
VID Applied
OE = DE = 0V,
CrdCLK
IN = VCC or GND,
CLKI/O (±) = Open
CLK
OUT (0:5) = Open Circuit
V
CC
13
mA
I
CC1
No Load Supply Current
Outputs Enabled, VID
over Common Mode
Voltage Range
OE = GND
DE = V
CC
CrdCLK
IN = VCC or GND,
VID = 250 mV
(0.125V VCM 2.275V),
CLK
OUT (0:5) = Open Circuit
10
mA
I
CCD
Driver Loaded Supply
Current
DE = OE = 0V,
CrdCLK
IN = VCC or GND,
R
L = 37.5Ω between CLKI/O+ and
CLKI/O−,
CLK
OUT (0:5) = Open Circuit
20
25
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com