Electronic Components Datasheet Search
  English  ▼

X  

DS92CK16 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92CK16
Description  3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92CK16 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS92CK16 Datasheet HTML 2Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 3Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 4Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 5Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 6Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 7Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 8Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 9Page - National Semiconductor (TI) DS92CK16 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Parameter Measurement Information
DS101082-3
FIGURE 1. Receiver Propagation Delay and Transition Time Test Circuit
DS101082-4
Generator waveform for all test unless otherwise specified: f = 25 MHz, 50% Duty Cycle, Zo = 50
Ω,tTLH = 1 ns, tTHL = 1 ns.
FIGURE 2. Receiver Propagation Delay and Transition Time Waveforms
DS101082-5
FIGURE 3. Output Enable (OE) Delay Test Circuit
DS101082-6
FIGURE 4. Output Enable (OE) Delay Waveforms
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com