Electronic Components Datasheet Search
  English  ▼

X  

DS96172 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96172 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS96172 Datasheet HTML 1Page - National Semiconductor (TI) DS96172 Datasheet HTML 2Page - National Semiconductor (TI) DS96172 Datasheet HTML 3Page - National Semiconductor (TI) DS96172 Datasheet HTML 4Page - National Semiconductor (TI) DS96172 Datasheet HTML 5Page - National Semiconductor (TI) DS96172 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics (Continued)
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PHZ
Output Disable Time from High Level
R
L = 110Ω, Figure 4
25
35
ns
t
PLZ
Output Disable Time from Low Level
R
L = 110Ω, Figure 5
30
45
ns
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the 0˚C to +70˚C range for the DS96172/DS96174. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5:
∆ |VOD| and ∆|VOC| are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level to a low level.
Note 6: In EIA Standards RS-422A and RS-485, VOC, which is the average of the two output voltages with respect to ground, is called output offset voltage, VOS.
Note 7: Only one output at a time should be shorted.
Parameter Measurement Information
DS009626-4
FIGURE 1. Differential and Common Mode Output Voltage
DS009626-5
DS009626-6
FIGURE 2. Differential Output Delay and Transition Times
DS009626-7
DS009626-8
FIGURE 3. Propagation Delay Times
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com