Electronic Components Datasheet Search
  English  ▼

X  

DS96172 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96172 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96172 Datasheet HTML 1Page - National Semiconductor (TI) DS96172 Datasheet HTML 2Page - National Semiconductor (TI) DS96172 Datasheet HTML 3Page - National Semiconductor (TI) DS96172 Datasheet HTML 4Page - National Semiconductor (TI) DS96172 Datasheet HTML 5Page - National Semiconductor (TI) DS96172 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS96172/DS96174
RS-485/RS-422 Quad Differential Line Drivers
General Description
The DS96172 and DS96174 are high speed quad differential
line drivers designed to meet EIA Standard RS-485. The de-
vices have TRI-STATE® outputs and are optimized for bal-
anced multipoint data bus transmission at rates up to
10 Mbps. The drivers have wide positive and negative com-
mon mode range for multipoint applications in noisy environ-
ments. Positive and negative current-limiting is provided
which protects the drivers from line fault conditions over a
+12V to −7.0V common mode range. A thermal shutdown
feature is also provided and occurs at junction temperature
of approximately 160˚C. The DS96172 features an active
high and active low Enable, common to all four drivers. The
DS96174 features separate active high Enables for each
driver pair. Compatible RS-485 receivers, transceivers, and
repeaters are also offered to provide optimum bus perfor-
mance.
The
respective
device
types
are
DS96173,
DS96175, DS96176 AND DS96177.
Features
n Meets EIA Standard RS-485 and RS-422A
n Monotonic differential output switching
n Transmission rate to 10 Mbs
n TRI-STATE outputs
n Designed for multipoint bus transmission
n Common mode output voltage range: −7V to +12V
n Operates from single +5V supply
n Thermal shutdown protection
n DS96172/DS96174 are lead and function compatible
with the SN75172/75174 or the AM26LS31/MC3487
respectively
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
16-Lead DIP
DS96172
DS009626-1
Top View
16-Lead DIP
DS96174
DS009626-2
Top View
Order Number DS96172CN or DS96174CN
See NS Package Number N16E
June 1998
© 1998 National Semiconductor Corporation
DS009626
www.national.com


Similar Part No. - DS96172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96172 TI1-DS96172 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
More results

Similar Description - DS96172

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com