Electronic Components Datasheet Search
  English  ▼

X  

DS96172 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96172 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS96172 Datasheet HTML 1Page - National Semiconductor (TI) DS96172 Datasheet HTML 2Page - National Semiconductor (TI) DS96172 Datasheet HTML 3Page - National Semiconductor (TI) DS96172 Datasheet HTML 4Page - National Semiconductor (TI) DS96172 Datasheet HTML 5Page - National Semiconductor (TI) DS96172 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Parameter Measurement Information (Continued)
Note 8: The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, duty cycle = 50%,tr ≤ 5.0 ns, tf ≤ 5.0 ns, ZO =50Ω.
Note 9: CL includes probe and jig capacitance.
Note 10: DS96172 with active high and active low Enables is shown here. DS96174 has active high Enable only.
Note 11: To test the active low Enable E of DS96172, ground E and apply an inverted waveform to E . DS96174 has active high Enable only.
Function Tables
DS96172
Input
Enables
Outputs
AE
E
YZ
HH
X
H
L
LH
X
L
H
H
X
LHL
LX
L
L
H
XL
H
Z
Z
DS96174
Input
Enable
Outputs
YZ
HH
H
L
LH
L
H
XL
Z
Z
H = High Level
X = Immaterial
L = Low Level
Z = High Impedance (off)
DS009626-9
DS009626-10
FIGURE 4. t
PZH and tPHZ
DS009626-11
DS009626-12
FIGURE 5. t
PZL and tPLZ
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com