Electronic Components Datasheet Search
  English  ▼

X  

DS96173 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96173
Description  RS-485/RS-422 Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96173 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS96173 Datasheet HTML 1Page - National Semiconductor (TI) DS96173 Datasheet HTML 2Page - National Semiconductor (TI) DS96173 Datasheet HTML 3Page - National Semiconductor (TI) DS96173 Datasheet HTML 4Page - National Semiconductor (TI) DS96173 Datasheet HTML 5Page - National Semiconductor (TI) DS96173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
V
CC = 5V, TA = 25˚C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
PLH
Propagation Delay Time,
V
ID = −2.5V to 2.5V,
15
25
ns
Low to High Level Output
C
L =15pF, Figure 1
t
PHL
Propagation Delay Time,
15
25
ns
High to Low Level Output
t
PZH
Output Enable Time to High Level
C
L =15pF, Figure 2
15
22
ns
t
PZL
Output Enable Time to Low Level
C
L =15pF, Figure 3
15
22
ns
t
PHZ
Output Disable Time from High Level
C
L = 5 pF, Figure 2
14
30
ns
t
PLZ
Output Disable Time from Low Level
C
L = 5 pF, Figure 3
24
40
ns
Function Tables
(Each Receiver) DS96173
Differential Inputs
Enables
Outputs
A–B
E
E
V
V
ID > 0.2V
H
X
H
XL
H
V
ID < −0.2V
H
X
L
XL
L
XL
X
Z
XX
H
Z
H = High Level
L = Low Level
X = Immaterial
Z = High Impedance (off)
(Each Receiver) DS96175
Differential Inputs
Enable
Output
A–B
Y
V
ID ≥ 0.2V
H
H
V
ID ≤ −0.2V
H
L
XL
Z
Parameter Measurement Information
DS009628-3
DS009628-4
FIGURE 1. t
PLH,tPHL (Note 11)
www.national.com
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com