Electronic Components Datasheet Search
  English  ▼

X  

DS96173 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96173
Description  RS-485/RS-422 Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96173 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS96173 Datasheet HTML 1Page - National Semiconductor (TI) DS96173 Datasheet HTML 2Page - National Semiconductor (TI) DS96173 Datasheet HTML 3Page - National Semiconductor (TI) DS96173 Datasheet HTML 4Page - National Semiconductor (TI) DS96173 Datasheet HTML 5Page - National Semiconductor (TI) DS96173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Parameter Measurement Information (Continued)
Note 9: The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, 50% duty cycle, tr ≤ 6.0 ns, tf ≤ 6.0 ns, ZO =50Ω.
Note 10: CL includes probe and stray capacitance.
Note 11: DS96173 with active high and active low Enables is shown here. DS96175 has active high Enable only.
Note 12: All diodes are 1N916 or equivalent.
Note 13: To test the active low Enable E of DS96173, ground E and apply an inverted input waveform to E . DS96175 has active high Enable only.
Typical Application
DS009628-5
DS009628-6
FIGURE 2. t
PHZ,tPZH (Note 11)
DS009628-7
DS009628-8
FIGURE 3. t
PZL,tPLZ (Note 11)
DS009628-9
Note: The line length should be terminated at both ends in its characteristic impedance. Stub lengths off the main line should be kept as short as possible.
FIGURE 4.
www.national.com
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com