Electronic Components Datasheet Search
  English  ▼

X  

DS96173 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96173
Description  RS-485/RS-422 Quad Differential Line Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96173 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96173 Datasheet HTML 1Page - National Semiconductor (TI) DS96173 Datasheet HTML 2Page - National Semiconductor (TI) DS96173 Datasheet HTML 3Page - National Semiconductor (TI) DS96173 Datasheet HTML 4Page - National Semiconductor (TI) DS96173 Datasheet HTML 5Page - National Semiconductor (TI) DS96173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS96173/DS96175
RS-485/RS-422 Quad Differential Line Receivers
General Description
The DS96173 and DS96175 are high speed quad differential
line receivers designed to meet EIA Standard RS-485. The
devices have TRI-STATE® outputs and are optimized for bal-
anced multipoint data bus transmission at rates up to 10
Mbps. The receivers feature high input impedance, input
hysteresis for increased noise immunity, and input sensitivity
of 200 mV over a common mode input voltage range of −7V
to +12V. The receivers are therefore suitable for multipoint
applications in noisy environments. The DS96173 features
an active high and active low Enable, common to all four re-
ceivers. The DS96175 features separate active high Enables
for each receiver pair. Compatible RS-485 drivers, transceiv-
ers, and repeaters are also offered to provide optimum bus
performance. The respective device types are DS96172,
DS96174, DS96176 and DS96177.
Features
n Meets EIA Standard RS-485, RS-422A, RS-423A
n Designed for multipoint bus applications
n TRI-STATE Outputs
n Common mode input voltage range: −7V to +12V
n Operates from single +5V supply
n Input sensitivity of ±200 mV over common mode range
n Input hysteresis of 50 mV typical
n High input impedance
n DS96173/DS96175 are lead and function compatible
with SN75173/75175 or the AM26LS32/MC3486
respectively
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
16-Lead DIP
DS96173
DS009628-1
16-Lead DIP
DS96175
DS009628-2
Order Number DS96173CN or DS96175CN
See NS Package Number N16E
June 1998
© 1998 National Semiconductor Corporation
DS009628
www.national.com


Similar Part No. - DS96173

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS96173 TI1-DS96173 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results

Similar Description - DS96173

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
logo
Sipex Corporation
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
SP3488 SIPEX-SP3488 Datasheet
116Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Receivers
SP488 SIPEX-SP488 Datasheet
81Kb / 6P
Quad RS-485/RS-422 Line Receivers
SP488A SIPEX-SP488A Datasheet
144Kb / 7P
High Speed Quad RS-485/RS-422 Line Receivers
SP488E SIPEX-SP488E Datasheet
109Kb / 10P
Enhanced Quad RS-485/RS-422 Line Receivers
logo
Texas Instruments
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com