Electronic Components Datasheet Search
  English  ▼

X  

LM2742 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2742
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2742 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2742 Datasheet HTML 5Page - National Semiconductor (TI) LM2742 Datasheet HTML 6Page - National Semiconductor (TI) LM2742 Datasheet HTML 7Page - National Semiconductor (TI) LM2742 Datasheet HTML 8Page - National Semiconductor (TI) LM2742 Datasheet HTML 9Page - National Semiconductor (TI) LM2742 Datasheet HTML 10Page - National Semiconductor (TI) LM2742 Datasheet HTML 11Page - National Semiconductor (TI) LM2742 Datasheet HTML 12Page - National Semiconductor (TI) LM2742 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Block Diagram
20087501
Application Information
THEORY OF OPERATION
The LM2742 is a voltage-mode, high-speed synchronous
buck regulator with a PWM control scheme. It is designed for
use in set-top boxes, thin clients, DSL/Cable modems, and
other applications that require high efficiency buck convert-
ers. It has power good (PWRGD), and output shutdown
(SD). Current limit is achieved by sensing the voltage V
DS
across the low side FET. During current limit the high side
gate is turned off and the low side gate turned on. The soft
start capacitor is discharged by a 95µA source (reducing the
maximum duty cycle) until the current is under control.
START UP
When V
CC exceeds 4.2V and the shutdown pin SD sees a
logic high the soft start capacitor begins charging through an
internal fixed 10µA source. During this time the output of the
error amplifier is allowed to rise with the voltage of the soft
start capacitor. This capacitor, C
SS, determines soft start
time, and can be determined approximately by:
An application for a microprocessor might need a delay of
3ms, in which case C
SS would be 12nF. For a different
device, a 100ms delay might be more appropriate, in which
case C
SS would be 400nF. (390 10%) During soft start the
PWRGD flag is forced low and is released when the voltage
reaches a set value. At this point this chip enters normal
operation mode and the Power Good flag is released.
Since the output is floating when the LM2742 is turned off, it
is possible that the output capacitor may be precharged to
some positive value. During start-up, the LM2742 operates
fully synchronous and will discharge the output capacitor to
some extent depending on the output voltage, soft start
capacitance, and the size of the output capacitor.
NORMAL OPERATION
While in normal operation mode, the LM2742 regulates the
output voltage by controlling the duty cycle of the high side
and low side FETs. The equation governing output voltage
is:
V
O =0.6x(RFB1 +RFB2)/RFB1
The PWM frequency is adjustable between 50kHz and
2MHz and is set by an external resistor, R
FADJ, between the
FREQ pin and ground. The resistance needed for a desired
frequency is approximately:
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com