Electronic Components Datasheet Search
  English  ▼

X  

LM2742 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2742
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2742 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2742 Datasheet HTML 1Page - National Semiconductor (TI) LM2742 Datasheet HTML 2Page - National Semiconductor (TI) LM2742 Datasheet HTML 3Page - National Semiconductor (TI) LM2742 Datasheet HTML 4Page - National Semiconductor (TI) LM2742 Datasheet HTML 5Page - National Semiconductor (TI) LM2742 Datasheet HTML 6Page - National Semiconductor (TI) LM2742 Datasheet HTML 7Page - National Semiconductor (TI) LM2742 Datasheet HTML 8Page - National Semiconductor (TI) LM2742 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM2742
N-Channel FET Synchronous Buck Regulator Controller
for Low Output Voltages
General Description
The LM2742 is a high-speed, synchronous, switching regu-
lator controller. It is intended to control currents of 0.7A to
20A with up to 95% conversion efficiencies. Power up and
down sequencing is achieved with the power-good flag,
adjustable soft-start and output enable features. The
LM2742 operates from a low-current 5V bias and can con-
vert from a 1V to 16V power rail. The part utilizes a fixed-
frequency, voltage-mode, PWM control architecture and the
switching frequency is adjustable from 50kHz to 2MHz by
setting the value of an external resistor. Current limit is
achieved by monitoring the voltage drop across the on-
resistance of the low-side MOSFET, which enables on-times
on the order of 40ns, one of the best in the industry. The wide
range of operating frequencies gives the power supply de-
signer the flexibility to fine-tune component size, cost, noise
and efficiency. The adaptive, non-overlapping MOSFET
gate-drivers and high-side bootstrap structure helps to fur-
ther maximize efficiency. The high-side power FET drain
voltage can be from 1V to 16V and the output voltage is
adjustable down to 0.6V.
Features
n
Input power from 1V to 16V
n
Output voltage adjustable down to 0.6V
n
Power Good flag, adjustable soft-start and output enable
for easy power sequencing
n
Reference Accuracy: 1.5% (0˚C - 125˚C)
n
Current limit without sense resistor
n
Soft start
n
Switching frequency from 50 kHz to 2 MHz
n
40ns typical minimum on-time
n
TSSOP-14 package
Applications
n
POL power supply modules
n
Cable Modems
n
Set-Top Boxes/ Home Gateways
n
DDR Core Power
n
High-Efficiency Distributed Power
n
Local Regulation of Core Power
Typical Application
20087510
PRELIMINARY
March 2004
© 2004 National Semiconductor Corporation
DS200875
www.national.com


Similar Part No. - LM2742

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2742 TI-LM2742 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI2-LM2742 Datasheet
1Mb / 35P
LM2742 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
REVISED MARCH 2013
LM2742MTC/NOPB TI-LM2742MTC/NOPB Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742MTC/NOPB TI2-LM2742MTC/NOPB Datasheet
1Mb / 35P
LM2742 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
REVISED MARCH 2013
LM2742MTC/NOPB.B TI2-LM2742MTC/NOPB.B Datasheet
1Mb / 35P
LM2742 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
REVISED MARCH 2013
More results

Similar Description - LM2742

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 TI1-LM2727_16 Datasheet
1Mb / 32P
LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
N-Channel FET Synchronous Buck Regulator Controller
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com