Electronic Components Datasheet Search
  English  ▼

X  

LM2742 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2742
Description  N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2742 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2742 Datasheet HTML 10Page - National Semiconductor (TI) LM2742 Datasheet HTML 11Page - National Semiconductor (TI) LM2742 Datasheet HTML 12Page - National Semiconductor (TI) LM2742 Datasheet HTML 13Page - National Semiconductor (TI) LM2742 Datasheet HTML 14Page - National Semiconductor (TI) LM2742 Datasheet HTML 15Page - National Semiconductor (TI) LM2742 Datasheet HTML 16Page - National Semiconductor (TI) LM2742 Datasheet HTML 17Page - National Semiconductor (TI) LM2742 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Example Circuits (Continued)
This circuit design, detailed in the Design Considerations
section, uses inexpensive aluminum capacitors and off-the-
shelf inductors. It can deliver 10A at better than 85% effi-
ciency. Large bulk capacitance on input and output ensure
stable operation.
The example circuit of Figure 4 has been designed for
minimum component count and overall solution size. A
switching frequency of 600kHz allows the use of small input/
output capacitors and a small inductor. The availability of
separate 5V and 12V supplies (such as those available from
desk-top computer supplies) and the low current further
reduce component count. Using the 12V supply to power the
MOSFET drivers eliminates the bootstrap diode, D1. At low
currents, smaller FETs or dual FETs are often the most
efficient solutions. Here, the Si4826DY, an asymmetric dual
FET in an SO-8 package, yields 92% efficiency at a load of
2A.
20087504
FIGURE 3. 5V to 1.2V, 10A, 300kHz
20087505
FIGURE 4. 5V to 1.8V, 3A, 600kHz
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com