Electronic Components Datasheet Search
  English  ▼

X  

LM3824 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3824
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3824 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM3824 Datasheet HTML 3Page - National Semiconductor (TI) LM3824 Datasheet HTML 4Page - National Semiconductor (TI) LM3824 Datasheet HTML 5Page - National Semiconductor (TI) LM3824 Datasheet HTML 6Page - National Semiconductor (TI) LM3824 Datasheet HTML 7Page - National Semiconductor (TI) LM3824 Datasheet HTML 8Page - National Semiconductor (TI) LM3824 Datasheet HTML 9Page - National Semiconductor (TI) LM3824 Datasheet HTML 10Page - National Semiconductor (TI) LM3824 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Application Circuits In the application circuits, the 0.1 µF ceramic capacitor between pins 1 and 2
is used for bypassing, and the 0.1 µF ceramic capacitor between pins 3 and 4 is used for filtering. Shutdown (SD) is tied to
VDD through a 10 k
Ω resistor. (Continued)
DS200007-7
FIGURE 2. Paralleling LM3824 for Higher Load Current
I
TOTAL = 2.2(D1−0.5)IMAX + 2.2(D2−0.5)IMAX
where D
1 is the duty cycle of PWM1 and D2 is the duty cycle of PWM2.
Please refer to the Product Operation section for more information.
DS200007-8
FIGURE 3. High Voltage Operation — V
IN Greater Than 5.5V (High Side Sense)
(PWM output is referred to Pin 6)
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com