Electronic Components Datasheet Search
  English  ▼

X  

LM3824 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3824
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3824 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3824 Datasheet HTML 1Page - National Semiconductor (TI) LM3824 Datasheet HTML 2Page - National Semiconductor (TI) LM3824 Datasheet HTML 3Page - National Semiconductor (TI) LM3824 Datasheet HTML 4Page - National Semiconductor (TI) LM3824 Datasheet HTML 5Page - National Semiconductor (TI) LM3824 Datasheet HTML 6Page - National Semiconductor (TI) LM3824 Datasheet HTML 7Page - National Semiconductor (TI) LM3824 Datasheet HTML 8Page - National Semiconductor (TI) LM3824 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM3824
Precision Current Gauge IC with Internal Zero Ohm
Sense Element and PWM Output
General Description
The LM3824 Current Gauge provides easy to use precision
current measurement with virtually zero insertion loss (typi-
cally 0.003
Ω). The LM3824 is used for high-side sensing.
A Delta Sigma analog to digital converter is incorporated to
precisely measure the current and to provide a current aver-
aging function. Current is averaged over 6 msec time peri-
ods in order to provide immunity to current spikes. The ICs
have a pulse-width modulated (PWM) output which indicates
the current magnitude and direction. The shutdown pin can
be used to inhibit false triggering during start-up, or to enter
a low quiescent current mode.
The LM3824 is factory-set in two different current options.
The sense range is −1.0A to +1.0A or −2.0A to +2.0A. The
sampling interval for this part is 6ms. If a more precise mea-
surement is required, please refer to LM3822 datasheet.
Key Specifications
n
Ultra low insertion loss (0.003
Ω)
n
2V to 5.5V supply range
n ±
3% accuracy at room temperature for the 1A device
(includes accuracy of the internal sense element)
n
Low quiescent current in shutdown mode
(typically 1.8 µA)
n
6 msec sampling interval
n
In MSOP-8 Package
Features
n
No external sense element required
n
PWM output indicates the current magnitude and
direction
n
PWM output is easily interfaced with microprocessors
and controllers
n
Precision
∆Σ current-sense technique
n
Low temperature sensitivity
n
Internal filtering rejects false trips
n
Internal Power-On-Reset (POR)
n
DC Offset is less than 8 mA for 1A part
Applications
n
Battery charge/discharge gauge
n
Motion control diagnostics
n
Power supply load monitoring and management
n
Resettable smart fuse
Connection Diagram
DS200007-1
Top View
LM3824 for High-Side Sensing
July 2000
© 2000 National Semiconductor Corporation
DS200007
www.national.com


Similar Part No. - LM3824

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
Low Noise Dual Preamplifier
LM3820 NSC-LM3820 Datasheet
118Kb / 4P
AM RADIO SYSTEM
LM3820N NSC-LM3820N Datasheet
118Kb / 4P
AM RADIO SYSTEM
LM3820N NSC-LM3820N Datasheet
132Kb / 6P
AM Radio System
LM3820 NSC-LM3820_89 Datasheet
132Kb / 6P
AM Radio System
More results

Similar Description - LM3824

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3812 NSC-LM3812 Datasheet
258Kb / 14P
Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3814 NSC-LM3814_05 Datasheet
708Kb / 14P
Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
Wire Element Four Terminal Precision Current Sense
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
Precision Zero Drift Current Sense Amplifier
logo
Ohmite Mfg. Co.
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
Wire Element Four Terminal Precision Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com