Electronic Components Datasheet Search
  English  ▼

X  

LM3824 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3824
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3824 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3824 Datasheet HTML 4Page - National Semiconductor (TI) LM3824 Datasheet HTML 5Page - National Semiconductor (TI) LM3824 Datasheet HTML 6Page - National Semiconductor (TI) LM3824 Datasheet HTML 7Page - National Semiconductor (TI) LM3824 Datasheet HTML 8Page - National Semiconductor (TI) LM3824 Datasheet HTML 9Page - National Semiconductor (TI) LM3824 Datasheet HTML 10Page - National Semiconductor (TI) LM3824 Datasheet HTML 11Page - National Semiconductor (TI) LM3824 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PWM Output and Current
Accuracy
Offset
The PWM output is quantized to 128 levels. Therefore, the
duty cycle can change only in increments of 1/128.
There is a one-half (0.5) quantization cycle delay in the out-
put of the PWM circuitry. That is to say that instead of a duty
cycle of N/128, the duty cycle actually is (N+1⁄2)/128.
The quantization error can be corrected for if a more precise
result is desired. To correct for this error, simply subtract
1/256 from the measured duty cycle.
The extra half cycle delay will show up as a DC offset of 1⁄2
bit if it is not corrected for. This is approximately 8.0 mA for
1.0 Amp parts, and 80 mA for 2.0 Amp parts.
Jitter
In addition to quantization, the duty cycle will contain some
jitter. The jitter is quite small (for example, the standard de-
viation of jitter is only 0.1% for the LM3824-1.0). Statistically
the jitter can cause an error in a current sample. Because the
jitter is a random variable, the mean and standard deviation
are used. The mean, or average value, of the jitter is zero.
The standard deviation (0.1%) can be used to define the
peak error caused from jitter.
The “crest factor” has often been used to define the maxi-
mum error caused by jitter. The crest factor defines a limit
within which 99.7% of the samples fall. The crest factor is de-
fined as ±0.3% error in the duty cycle.
Since the jitter is a random variable, averaging multiple out-
puts will reduce the effective jitter. Obeying statistical laws,
the jitter is reduced by the square root of the number of read-
ings that are averaged. For example, if four readings of the
duty cycle are averaged, the resulting jitter (and crest factor)
are reduced by a factor of two.
Jitter and Noise
Jitter in the PWM output appears as noise in the current
measurement. The Electrical Characteristics show noise
measured in current RMS (root mean square). Arbitrarily one
could specify PWM jitter, as opposed to noise. In either case
the effect results in a random error in an individual current
measurement.
Noise, just like jitter, can be reduced by averaging many
readings. The RMS value of the noise corresponds to one
standard deviation. The “crest factor” can be calculated in
terms of current, and is equal to ±3 sigma (RMS value of the
noise).
Noise will also be reduced by averaging multiple readings,
and follows the statistical laws of a random variable.
Accuracy versus Noise
The graph shown in
Figure 5 illustrates the typical response
of ±1 Ampere current gauges. In this graph, the horizontal
axis indicates time, and the vertical axis indicates measured
current (the PWM duty cycle has been converted to current).
The graph was generated for an actual current of 1.0A.
The difference between successive readings manifests itself
as jitter in the PWM output or noise in the current measure-
ment (when duty cycle of the PWM output is converted to
current).
The accuracy of the measurement depends on the noise in
the current waveform. The accuracy can be improved by av-
eraging several outputs. Although there is variation in suc-
cessive readings, a very accurate measurement can be ob-
tained by averaging the readings. For example, on
averaging the readings shown in this example, the average
current measurement is 0.9989A (
Figure 5). This value is
very close to the actual value of 1.0A. Moreover, the accu-
racy depends on the number of readings that are averaged.
DS200007-26
FIGURE 5. Typical Response of LM3824
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com