Electronic Components Datasheet Search
  English  ▼

X  

NPIM103B Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPIM103B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM103B Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NPIM103B Datasheet HTML 3Page - NIC-Components Corp. NPIM103B Datasheet HTML 4Page - NIC-Components Corp. NPIM103B Datasheet HTML 5Page - NIC-Components Corp. NPIM103B Datasheet HTML 6Page - NIC-Components Corp. NPIM103B Datasheet HTML 7Page - NIC-Components Corp. NPIM103B Datasheet HTML 8Page - NIC-Components Corp. NPIM103B Datasheet HTML 9Page - NIC-Components Corp. NPIM103B Datasheet HTML 10Page - NIC-Components Corp. NPIM103B Datasheet HTML 11Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM103B
R22 ~ R68
11.15 ± 0.35
10.0 ± 0.3
2.8 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
3.0 ± 0.5
5.0 ± 0.2
0 ~ +0.15
5.4
13.6
4.1
R82 ~ 220
10.85 ± 0.35
10.0 ± 0.3
2.8 ± 0.2
2.0 ± 0.5
2.5 ± 0.1
3.0 ± 0.5
5.0 ± 0.2
0 ~ +0.15
5.4
13.6
4.1
LAND PATTERN
G
H
F
NPIM103B CASE AND LAND PATTERN DIMENSIONS
C
t
Part Number
STANDARD VALUES - CASE SIZE 103B (see size table below)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM103BR22MTRF
0.22
1.2
30
50
100KHz
NPIM103BR24MTRF
0.24
1.3
30
50
NPIM103BR33MTRF
0.33
1.6
23
32
NPIM103BR36MTRF
0.36
1.6
23
28
NPIM103BR47MTRF
0.47
2.5
23
26
NPIM103BR56MTRF
0.56
3
22
24
NPIM103BR68MTRF
0.68
3.4
21
23
NPIM103B1R0MTRF
1.0
6
15
21
NPIM103B1R5MTRF
1.5
7.5
13.5
20
NPIM103B2R2MTRF
2.2
9.0
13
16
NPIM103B3R3MTRF
3.3
16
9.0
14
NPIM103B4R7MTRF
4.7
22.5
7.0
13
NPIM103B8R2MTRF
8.2
45
5.0
8.5
NPIM103B100MTRF
10
55
5.0
7.5
NPIM103B150MTRF
15
65
4.0
6.0
NPIM103B220MTRF
22
99
3.0
5.0
A
E
1
E
2
D
2
D
1
B
Contact NIC for
NPIM103B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com