Electronic Components Datasheet Search
  English  ▼

X  

NPIM103B Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPIM103B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM103B Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPIM103B Datasheet HTML 4Page - NIC-Components Corp. NPIM103B Datasheet HTML 5Page - NIC-Components Corp. NPIM103B Datasheet HTML 6Page - NIC-Components Corp. NPIM103B Datasheet HTML 7Page - NIC-Components Corp. NPIM103B Datasheet HTML 8Page - NIC-Components Corp. NPIM103B Datasheet HTML 9Page - NIC-Components Corp. NPIM103B Datasheet HTML 10Page - NIC-Components Corp. NPIM103B Datasheet HTML 11Page - NIC-Components Corp. NPIM103B Datasheet HTML 12Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
Part Number
STANDARD VALUES - CASE SIZE 104B (see size table below)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM104BR15MTRF
0.15
0.65
40
75
100KHz
NPIM104BR22MTRF
0.22
1.0
35
60
NPIM104BR36MTRF
0.36
1.2
30
50
NPIM104BR39MTRF
0.39
1.2
31
45
NPIM104BR45MTRF
0.45
1.3
25
27
NPIM104BR47MTRF
0.47
1.68
30
40
NPIM104BR56MTRF
0.56
1.8
25
33
NPIM104BR68MTRF
0.68
2.4
23
30
NPIM104BR88MTRF
0.88
3.0
20
29
NPIM104B1R0MTRF
1.0
3.3
18
28
NPIM104B1R5MTRF
1.5
4.2
16
32
NPIM104B1R8MTRF
1.8
5
15
15
NPIM104B2R0MTRF
2.0
5.8
14
14
NPIM104B2R2MTRF
2.2
7.0
12
18
NPIM104B3R3MTRF
3.3
11.8
10
16
NPIM104B4R7MTRF
4.7
20
8.5
15
NPIM104B5R6MTRF
5.6
23
8.0
14
NPIM104B6R8MTRF
6.8
25
7.0
12
NPIM104B8R2MTRF
8.2
27
6.0
9.0
NPIM104B100MTRF
10
30
7.5
8.5
NPIM104B150MTRF
15
45
6.25
7.0
NPIM104B220MTRF
22
66
5.0
5.5
NPIM104B330MTRF
33
92
4.4
5.0
NPIM104B470MTRF
47
145
3.3
3.5
NPIM104B680MTRF
68
195
2.3
3.0
Contact NIC for
NPIM104B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.
A
E
1
E
2
D
2
D
1
B
LAND PATTERN
G
H
F
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM104B
R15 ~ 1R5
11.15 ± 0.35
10.0 ± 0.3
3.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1 3.0 ± 0.5 5.0 ± 0.2 0 ~ +0.15
5.4
13.6
4.1
1R8 ~ 680
10.85 ± 0.35
10.0 ± 0.3
3.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1 3.0 ± 0.5 5.0 ± 0.2 0 ~ +0.15
5.4
13.6
4.1
NPIM104S CASE AND LAND PATTERN DIMENSIONS
C
t
NPIM__B Series
NPIM Shielded Power Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com