Electronic Components Datasheet Search
  English  ▼

X  

NPIM103B Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPIM103B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM103B Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPIM103B Datasheet HTML 6Page - NIC-Components Corp. NPIM103B Datasheet HTML 7Page - NIC-Components Corp. NPIM103B Datasheet HTML 8Page - NIC-Components Corp. NPIM103B Datasheet HTML 9Page - NIC-Components Corp. NPIM103B Datasheet HTML 10Page - NIC-Components Corp. NPIM103B Datasheet HTML 11Page - NIC-Components Corp. NPIM103B Datasheet HTML 12Page - NIC-Components Corp. NPIM103B Datasheet HTML 13Page - NIC-Components Corp. NPIM103B Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 135B (see size table below)
Inductance Value
(μH)
DC Resistance
(mΩ) max.
DC Current
Irms (Amps)
DC Current
Isat (Amps)
Test
Frequency
NPIM135BR36MTRF
0.36
0.85
42
50
100KHz
NPIM135BR50MTRF
0.50
1.15
38
48
NPIM135BR68MTRF
0.68
1.55
33
46
NPIM135BR82MTRF
0.82
1.67
30
39
NPIM135B1R0MTRF
1.0
2.2
26
35
NPIM135B1R5MTRF
1.5
3.2
23
33
NPIM135B1R8MTRF
1.8
3.2
23
27
NPIM135B2R2MTRF
2.2
5.0
15
24
NPIM135B3R3MTRF
3.3
7.0
14
22
NPIM135B100MTRF
10
22
9.0
12
NPIM135B220MTRF
22
58
4.5
6.5
NPIM135B270MTRF
27
66
4.0
6.3
NPIM135B330MTRF
33
84
3.5
6.0
NPIM135B470MTRF
47
130
3.0
5.0
A
E
1
E
2
D
2
D
1
B
LAND PATTERN
G
H
F
Series
Value
A
B
C
D
1
D
2
E
1
E
2
t
F
G
H
NPIM135B
0.36 ~ 1R8
13.45 ± 0.35
12.6 ± 0.2
4.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1
4.0 ±0.5
6.0 ± 0.2
0 ~ 0.15
8.0
14.5
5.0
2R2 ~ 47
13.45 ± 0.35
12.6 ± 0.2
4.8 ± 0.2 2.0 ± 0.5 2.5 ± 0.1
3.0 ±0.5
6.0 ± 0.2
0 ~ 0.15
8.0
14.5
5.0
NPIM133B CASE AND LAND PATTERN DIMENSIONS
C
t
Contact NIC for
NPIM135B Performance Curves
Maximum +40°C temperature rise at Irms. Typical -30% inductance change at Isat.
Additional values are available outside the standard offering above. Please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com