Electronic Components Datasheet Search
  English  ▼

X  

LM5025 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5025
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5025 Datasheet HTML 1Page - National Semiconductor (TI) LM5025 Datasheet HTML 2Page - National Semiconductor (TI) LM5025 Datasheet HTML 3Page - National Semiconductor (TI) LM5025 Datasheet HTML 4Page - National Semiconductor (TI) LM5025 Datasheet HTML 5Page - National Semiconductor (TI) LM5025 Datasheet HTML 6Page - National Semiconductor (TI) LM5025 Datasheet HTML 7Page - National Semiconductor (TI) LM5025 Datasheet HTML 8Page - National Semiconductor (TI) LM5025 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM5025
Active Clamp Voltage Mode PWM Controller
General Description
The LM5025 PWM controller contains all of the features
necessary to implement power converters utilizing the Active
Clamp / Reset technique. The device can be configured to
control either a P-Channel clamp switch or an N-Channel
clamp switch. With the active clamp technique, higher effi-
ciencies and greater power densities can be realized com-
pared to conventional catch winding or RDC clamp / reset
techniques. Two control outputs are provided, the main
power switch control (OUT_A) and the active clamp switch
control (OUT_B). The active clamp output can be configured
for either a guaranteed overlap time (for P-Channel switch
applications) or a guaranteed deadtime (for N_Channel ap-
plications). The two internal compound gate drivers parallel
both MOS and Bipolar devices, providing superior gate drive
characteristics. This controller is designed for high-speed
operation including an oscillator frequency range up to 1MHz
and total PWM and current sense propagation delays less
than 100ns. The LM5025 includes a high-voltage start-up
regulator that operates over a wide input range of 13V to
90V. Additional features include: Line Under Voltage Lockout
(UVLO), softstart, oscillator UP/DOWN sync capability, pre-
cision reference and thermal shutdown.
Features
n
Internal Start-up Bias Regulator
n
3A Compound Main Gate Driver
n
Programmable Line Under-Voltage Lockout (UVLO) with
Adjustable Hysteresis
n
Voltage Mode Control with Feed-Forward
n
Adjustable Dual Mode Over-Current Protection
n
Programmable Overlap or Deadtime between the Main
and Active Clamp Outputs
n
Volt x Second Clamp
n
Programmable Soft-start
n
Leading Edge Blanking
n
Single Resistor Programmable Oscillator
n
Oscillator UP / DOWN Sync Capability
n
Precision 5V Reference
n
Thermal Shutdown
Packages
n
TSSOP-16
n
LLP-16 (5x5 mm) Thermally Enhanced
Typical Application Circuit
20086901
Simplified Active Clamp Forward Power Converter
March 2004
© 2004 National Semiconductor Corporation
DS200869
www.national.com


Similar Part No. - LM5025

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025 TI1-LM5025 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025 TI2-LM5025 Datasheet
1,020Kb / 33P
LM5025 Active Clamp Voltage Mode PWM Controller
REVISED JANUARY 2016
logo
National Semiconductor ...
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 22P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
Active Clamp Voltage Mode PWM Controller
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
Active Clamp Voltage Mode PWM Controller
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
Active Clamp Voltage Mode PWM Controller
LM5025 TI-LM5025_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com