Electronic Components Datasheet Search
  English  ▼

X  

LM5025 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5025
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5025 Datasheet HTML 7Page - National Semiconductor (TI) LM5025 Datasheet HTML 8Page - National Semiconductor (TI) LM5025 Datasheet HTML 9Page - National Semiconductor (TI) LM5025 Datasheet HTML 10Page - National Semiconductor (TI) LM5025 Datasheet HTML 11Page - National Semiconductor (TI) LM5025 Datasheet HTML 12Page - National Semiconductor (TI) LM5025 Datasheet HTML 13Page - National Semiconductor (TI) LM5025 Datasheet HTML 14Page - National Semiconductor (TI) LM5025 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PWM Outputs (Continued)
Compound Gate Drivers
The LM5025 contains two unique compound gate drivers,
which parallel both MOS and Bipolar devices to provide high
drive current throughout the entire switching event. The Bi-
polar device provides most of the drive current capability and
provides a relatively constant sink current which is ideal for
driving large power MOSFETs. As the switching event nears
conclusion and the Bipolar device saturates, the internal
MOS device continues to provide a low impedance to com-
pete the switching event.
During turn-off at the Miller plateau region, typically around
2V - 3V, is where gate driver current capability is needed
most. The resistive characteristics of all MOS gate drivers
are adequate for turn-on since the supply to output voltage
differential is fairly large at the Miller region. During turn-off
however, the voltage differential is small and the current
source characteristic of the Bipolar gate driver is beneficial to
provide fast drive capability.
20086913
PWM Comparator
The PWM comparator compares the ramp signal (RAMP) to
the loop error signal (COMP). This comparator is optimized
for speed in order to achieve minimum controllable duty
cycles. The internal 5k
Ω pull-up resistor, connected between
the internal 5V reference and COMP, can be used as the
pull-up for an optocoupler. The comparator polarity is such
that 0V on the COMP pin will produce a zero duty cycle on
both gate driver outputs.
Volt Second Clamp
The Volt x Second Clamp comparator compares the ramp
signal (RAMP) to a fixed 2.5V reference. By proper selection
of RFF and CFF, the maximum ON time of the main switch
can be set to the desired duration. The ON time set by Volt
x Second Clamp varies inversely with the line voltage be-
cause the RAMP capacitor is charged by a resistor con-
nected to Vin while the threshold of the clamp is a fixed
voltage (2.5V). An example will illustrate the use of the Volt x
Second Clamp comparator to achieve a 50% duty cycle limit,
at 200KHz, at a 48V line input: A 50% duty cycle at a 200KHz
requires a 2.5µs of ON time. At 48V input the Volt x Second
product is 120V x µs (48V x 2.5µs). To achieve this clamp
level:
R
FF xCFF =VIN xTON / 2.5V
48 x 2.5µ / 2.5 = 48µ
Select C
FF = 470pF
R
FF = 102k
Ω
The recommended capacitor value range for CFF is 100pF
to 1000pF.
The C
FF ramp capacitor is discharged at the conclusion of
every cycle by an internal discharge switch controlled by
either the internal clock or by theVxS Clamp comparator,
whichever event occurs first.
Current Limit
The LM5025 contains two modes of over-current protection.
If the sense voltage at the CS1 input exceeds 0.25V the
present power cycle is terminated (cycle-by-cycle current
limit). If the sense voltage at the CS2 input exceeds 0.25V,
the controller will terminate the present cycle, discharge the
softstart capacitor and reduce the softstart current source to
1µA. The softstart (SS) capacitor is released after being fully
discharged and slowly charges with a 1µA current source.
When the voltage at the SS pin reaches approximately 1V,
20086912
FIGURE 1.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com