Electronic Components Datasheet Search
  English  ▼

X  

LM5025 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5025
Description  Active Clamp Voltage Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5025 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5025 Datasheet HTML 6Page - National Semiconductor (TI) LM5025 Datasheet HTML 7Page - National Semiconductor (TI) LM5025 Datasheet HTML 8Page - National Semiconductor (TI) LM5025 Datasheet HTML 9Page - National Semiconductor (TI) LM5025 Datasheet HTML 10Page - National Semiconductor (TI) LM5025 Datasheet HTML 11Page - National Semiconductor (TI) LM5025 Datasheet HTML 12Page - National Semiconductor (TI) LM5025 Datasheet HTML 13Page - National Semiconductor (TI) LM5025 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed Operating Description
The LM5025 PWM controller contains all of the features
necessary to implement power converters utilizing the Active
Clamp Reset technique. The device can be configured to
control either a P-Channel clamp switch or an N-Channel
clamp switch. With the active clamp technique higher effi-
ciencies and greater power densities can be realized com-
pared to conventional catch winding or RDC clamp / reset
techniques. Two control outputs are provided, the main
power switch control (OUT_A) and the active clamp switch
control (OUT_B). The active clamp output can be configured
for either a guaranteed overlap time (for P-Channel switch
applications) or a guaranteed dead time (for N_Channel
applications). The two internal compound gate drivers paral-
lel both MOS and Bipolar devices, providing superior gate
drive characteristics. This controller is designed for high-
speed operation including an oscillator frequency range up
to 1MHz and total PWM and current sense propagation
delays less than 100ns. The LM5025 includes a high-voltage
start-up regulator that operates over a wide input range of
13V to 90V. Additional features include: Line Under Voltage
Lockout (UVLO), softstart, oscillator UP/DOWN sync capa-
bility, precision reference and thermal shutdown.
High Voltage Start-Up Regulator
The LM5025 contains an internal high voltage start-up regu-
lator that allows the input pin (V
IN) to be connected directly to
the line voltage. The regulator output is internally current
limited to 20mA. When power is applied, the regulator is
enabled and sources current into an external capacitor con-
nected to the V
CC pin. The recommended capacitance range
for the V
CC regulator is 0.1µF to 100µF. When the voltage on
the V
CC pin reaches the regulation point of 7.6V and the
internal voltage reference (REF) reaches its regulation point
of 5V, the controller outputs are enabled. The outputs will
remain enabled until V
CC falls below 6.2V or the line Under
Voltage Lock Out detector indicates that V
IN is out of range.
In typical applications, an auxiliary transformer winding is
connected through a diode to the V
CC pin. This winding must
raise the V
CC voltage above 8V to shut off the internal
start-up regulator. Powering V
CC from an auxiliary winding
improves efficiency while reducing the controller power dis-
sipation.
The external V
CC capacitor must be sized such that the
capacitor and V
CC self-bias will maintain a VCC voltage
greater than 6.2V during the initial start-up. During a fault
mode when the converter auxiliary winding is inactive, exter-
nal current draw on the V
CC line should be limited so the
power dissipated in the start-up regulator does not exceed
the maximum power dissipation of the controller.
An external start-up regulator or other bias rail can be used
instead of the internal start-up regulator by connecting the
V
CC and the VIN pins together and feeding the external bias
voltage into the two pins.
Line Under-Voltage Detector
The LM5025 contains a line Under Voltage Lock Out (UVLO)
circuit. An external set-point voltage divider from Vin to GND,
sets the operational range of the converter. The divider must
be designed such that the voltage at the UVLO pin will be
greater than 2.5V when Vin is in the desired operating range.
If the undervoltage threshold is not met, all functions of the
controller are disabled and the controller remains in a low
power standby state. UVLO hysteresis is accomplished with
an internal 20uA current source that is switched on or off into
the impedance of the set-point divider. When the UVLO
threshold is exceeded, the current source is activated to
instantly raise the voltage at the UVLO pin. When the UVLO
pin voltage falls below the 2.5V threshold, the current source
is turned off causing the voltage at the UVLO pin to fall. The
UVLO pin can also be used to implement a remote enable /
disable function. Pulling the UVLO pin below the 2.5V
threshold disables the converter.
PWM Outputs
The relative phase of the main (OUT_A) and active clamp
outputs (OUT_B) can be configured for the specific applica-
tion. For active clamp configurations utilizing a ground refer-
enced P-Channel clamp switch, the two outputs should be in
phase with the active clamp output overlapping the main
output. For active clamp configurations utilizing a high side
N-Channel switch, the active clamp output should be out of
phase with main output and there should be a dead time
between the two gate drive pulses. A distinguishing feature
of the LM5025 is the ability to accurately configure either
dead time (both off) or overlap time (both on) of the gate
driver outputs. The overlap / deadtime magnitude is con-
trolled by the resistor value connected to the TIME pin of the
controller. The opposite end of the resistor can be connected
to either REF for deadtime control or GND for overlap con-
trol. The internal configuration detector senses the connec-
tion and configures the phase relationship of the main and
active clamp outputs. The magnitude of the overlap/dead
time can be calculated as follows:
Overlap Time (ns) = 2.8 x R
SET - 1.2
Dead Time (ns) = 2.9 x R
SET +20
R
SET in k
Ω, Time in ns
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com