Electronic Components Datasheet Search
  English  ▼

X  

LMH6533SP Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6533SP
Description  Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6533SP Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMH6533SP Datasheet HTML 1Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 2Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 3Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 4Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 5Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 6Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 7Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 8Page - National Semiconductor (TI) LMH6533SP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Pin Description
Pin #
Description
Remark
1
Laser driver output channel A
2
Internal Oscillator Enable pin
Oscillator activated if pin is high
3
Temp Sensing Diode
See application note on using this pin
4
Read Channel Enable pin
Read Channel Enabled if pin is high
5
Chip Enable pin
Chip Enabled if pin is high
6
Supply Voltage A
7
Ground Connection A
8
Read Channel current setting
9
Channel 2 current setting
10
Channel 3 current setting
11
Channel 4 current setting
12
Oscillator Frequency setting Channel A
Set by external resistor to ground
13
Oscillator Frequency setting Channel B
Set by external resistor to ground
14
Oscillator Amplitude setting Channel A
Set by external resistor to ground
15
Oscillator Amplitude setting Channel B
Set by external resistor to ground
16
Channel select B
Channel B selected if pin is high
17
LVDS input Channel 2B
Channel 2 active if logical input is low
18
LVDS input Channel 2
Channel 2 active if logical input is high
19
LVDS input Channel 3B
Channel 3 active if logical input is low
20
LVDS input Channel 3
Channel 3 active if logical input is high
21
LVDS input Channel 4B
Channel 4 active if logical input is low
22
LVDS input Channel 4
Channel 4 active if logical input is high
23
NC
24
Supply Voltage
25
Supply Voltage
26
Supply Voltage
27
Laser driver output channel B
28
Ground Connection B
Truth Tables
IOUT CONTROL
Enable
ENR
EN2
EN3
EN4
IOUT
0
XXXXOFF
1
0000OFF
1
1000A
R*IINR
1
1100A
R*IINR+A2*IIN2
1
1010A
R*IINR+A3*IIN3
1
1001A
R*IINR+A4*IIN4
OSCILLATOR CONTROL
Enable
ENOSC
ENR
EN2
EN3
EN4
Oscillator
0
xxxxxOFF
1
0
xxxxOFF
1
1
xxxxon
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com