Electronic Components Datasheet Search
  English  ▼

X  

GS8342D06 Datasheet(PDF) 14 Page - GSI Technology

Part # GS8342D06
Description  36Mb SigmaQuad-II Burst of 4 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342D06 Datasheet(HTML) 14 Page - GSI Technology

Back Button GS8342D06 Datasheet HTML 10Page - GSI Technology GS8342D06 Datasheet HTML 11Page - GSI Technology GS8342D06 Datasheet HTML 12Page - GSI Technology GS8342D06 Datasheet HTML 13Page - GSI Technology GS8342D06 Datasheet HTML 14Page - GSI Technology GS8342D06 Datasheet HTML 15Page - GSI Technology GS8342D06 Datasheet HTML 16Page - GSI Technology GS8342D06 Datasheet HTML 17Page - GSI Technology GS8342D06 Datasheet HTML 18Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
20% tKHKH
VSS – 1.0 V
50%
VSS
VIH
Undershoot Measurement and Timing
Overshoot Measurement and Timing
20% tKHKH
VDD + 1.0 V
50%
VDD
VIL
Note:
Input Undershoot/Overshoot voltage must be –2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
Capacitance
oC, f = 1 MHZ, VDD = 1.8 V)
Parameter
Symbol
Test conditions
Typ.
Max.
Unit
Input Capacitance
CIN
VIN = 0 V
4
5
pF
Output Capacitance
COUT
VOUT = 0 V
6
7
pF
Clock Capacitance
CCLK
VIN = 0 V
5
6
pF
Note:
This parameter is sample tested.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 11/2012
14/30
© 2011, GSI Technology
GS8342D06/11/20/38BD-550/500/450/400/350
AC Test Conditions
Parameter
Conditions
Input high level
1.25 V
Input low level
0.25 V
Max. input slew rate
2 V/ns
Input reference level
0.75 V
Output reference level
VDDQ/2
Note:
Test conditions as specified with output loading as shown unless otherwise noted.
DQ
VT = 0.75 V
50
Ω
RQ = 250
Ω (HSTL I/O)
VREF = 0.75 V
AC Test Load Diagram
(TA = 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com