Electronic Components Datasheet Search
  English  ▼

X  

GS8342D06 Datasheet(PDF) 16 Page - GSI Technology

Part # GS8342D06
Description  36Mb SigmaQuad-II Burst of 4 SRAM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342D06 Datasheet(HTML) 16 Page - GSI Technology

Back Button GS8342D06 Datasheet HTML 12Page - GSI Technology GS8342D06 Datasheet HTML 13Page - GSI Technology GS8342D06 Datasheet HTML 14Page - GSI Technology GS8342D06 Datasheet HTML 15Page - GSI Technology GS8342D06 Datasheet HTML 16Page - GSI Technology GS8342D06 Datasheet HTML 17Page - GSI Technology GS8342D06 Datasheet HTML 18Page - GSI Technology GS8342D06 Datasheet HTML 19Page - GSI Technology GS8342D06 Datasheet HTML 20Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Operating Currents
Parameter
Symbol
Test Conditions
-550
-500
-450
-400
-350
Notes
0°
to
70°C
–
40°
to
85°C
0°
to
70°C
–
40°
to
85°C
0°
to
70°C
–
40°
to
85°C
0°
to
70°C
–
40°
to
85°C
0°
to
70°C
–
40°
to
85°C
Operating
Current(x36):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
1225
mA
1235
mA
1115
mA
1125
mA
1015
mA
1025
mA
905
mA
915
mA
850
mA
860
mA
2, 3
Operating
Current(x18):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
940
mA
950
mA
855
mA
865
mA
785
mA
795
mA
705
mA
715
mA
665
mA
675
mA
2, 3
Operating
Current (x9):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
940
mA
950
mA
855
mA
865
mA
785
mA
795
mA
705
mA
715
mA
665
mA
675
mA
2, 3
Operating
Current (x8):
DDR
IDD
VDD = Max, IOUT = 0 mA
Cycle Time
≥ tKHKH Min
940
mA
950
mA
855
mA
865
mA
785
mA
795
mA
705
mA
715
mA
665
mA
675
mA
2, 3
Standby
Current
(NOP): DDR
ISB1
Device deselected,
IOUT = 0 mA, f = Max,
All Inputs
≤ 0.2 V
or
≥ VDD – 0.2 V
265
mA
275
mA
250
mA
260
mA
240
mA
250
mA
225
mA
235
mA
220
mA
230
mA
2, 4
Notes:
1. Power measured with output pins floating.
2. Minimum cycle, IOUT = 0 mA
3. Operating current is calculated with 50% read cycles and 50% write cycles.
4. Standby Current is only after all pending read and write burst operations are completed.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02a 11/2012
16/30
© 2011, GSI Technology
GS8342D06/11/20/38BD-550/500/450/400/350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com