Electronic Components Datasheet Search
  English  ▼

X  

LMX2542 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2542
Description  PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2542 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMX2542 Datasheet HTML 14Page - National Semiconductor (TI) LMX2542 Datasheet HTML 15Page - National Semiconductor (TI) LMX2542 Datasheet HTML 16Page - National Semiconductor (TI) LMX2542 Datasheet HTML 17Page - National Semiconductor (TI) LMX2542 Datasheet HTML 18Page - National Semiconductor (TI) LMX2542 Datasheet HTML 19Page - National Semiconductor (TI) LMX2542 Datasheet HTML 20Page - National Semiconductor (TI) LMX2542 Datasheet HTML 21Page - National Semiconductor (TI) LMX2542 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
2.0 Programming Description (Continued)
2.3 R1 REGISTER
The R1 register contains the FREQ_OFF, RF_EN and OB_CRL control words. The register address bits are R1[1:0] = 01. The
detailed descriptions and programming information for each control word is discussed in the following sections.
Reg
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
MSB
SHIFT REGISTER BIT LOCATION
LSB
DATA[21:0]
ADDRESS
[1:0]
FIELD
R1
011010001010101001
OB_CRL
[1:0]
RF_
EN
FREQ_
OFF
01
2.3.1 FREQ_OFF - RF Synthesizer System Frequency Offset (R1[2])
The FREQ_OFF bit is used to offset the RF frequency by +5 kHz.
Control Bit
Register Location
Description
Function
01
FREQ_OFF
R1[2]
RF Synthesizer
System Frequency
Offset
RF Synthesizer
System Frequency
Offset Disabled
RF Synthesizer
System Frequency
Offset Enabled
2.3.2 RF_EN - RF Synthesizer System Enable (R1[3])
The RF_EN bit is used to switch the RF synthesizer system (PLL and VCO) between a powered up and powered down mode.
Control Bit
Register Location
Description
Function
01
RF_EN
R1[3]
RF Synthesizer
System Enable
RF Synthesizer
System Powered
Down
RF Synthesizer
System Active
2.3.3 OB_CRL[1:0] - RF VCO Output Buffer Power Control (R1[5:4])
The OB_CRL word is used to set the RF VCO output buffer power level. The power level can be set according to the system
requirements.
OB_CRL[1:0]
RF VCO Output Buffer Power Level
(dBm)
0
0
−4.5
0
1
−2.0
1
0
0.5
1
1
3.0
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com