Electronic Components Datasheet Search
  English  ▼

X  

ER3110DI Datasheet(PDF) 9 Page - Altera Corporation

Part # ER3110DI
Description  Synchronous Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ER3110DI Datasheet(HTML) 9 Page - Altera Corporation

Back Button ER3110DI Datasheet HTML 5Page - Altera Corporation ER3110DI Datasheet HTML 6Page - Altera Corporation ER3110DI Datasheet HTML 7Page - Altera Corporation ER3110DI Datasheet HTML 8Page - Altera Corporation ER3110DI Datasheet HTML 9Page - Altera Corporation ER3110DI Datasheet HTML 10Page - Altera Corporation ER3110DI Datasheet HTML 11Page - Altera Corporation ER3110DI Datasheet HTML 12Page - Altera Corporation ER3110DI Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Page 9
Enpirion Power Datasheet ER3110DI Wide PVIN 1A Synchronous Buck Regulator
May 2014
Altera Corporation
FIGURE 17. VOUT REGULATION vs LOAD, PWM, VOUT = 1.8V
FIGURE 18. VOUT REGULATION vs LOAD, PFM, VOUT = 1.8V
Measurements
FSW = 500kHz, VPVIN = 24V, VOUT = 3.3V, TA = +25°C
FIGURE 19. START-UP AT NO LOAD, PFM
FIGURE 20. START-UP AT NO LOAD, PWM
FIGURE 21. SHUTDOWN AT NO LOAD, PFM
FIGURE 22. SHUTDOWN AT NO LOAD, PWM
Efficiency Curves F
SW = 500kHz, TA = +25°C (Continued)
1.800
1.801
1.802
1.803
1.804
1.805
1.806
1.807
1.808
1.809
1.810
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VPVIN = 5V
VPVIN = 15V
VPVIN = 24V
VPVIN = 33V
VPVIN = 12V
OUTPUT LOAD (A)
1.800
1.802
1.804
1.806
1.808
1.810
1.812
1.814
1.816
1.818
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OUTPUT LOAD (A)
VPVIN = 5V
VPVIN = 15V
VPVIN = 24V
VPVIN = 33V
VPVIN = 12V
SW 20V/DIV
VOUT 2V/DIV
EN 20V/DIV
POK 2V/DIV
5ms/DIV
SW 20V/DIV
VOUT 2V/DIV
EN 20V/DIV
POK 2V/DIV
5ms/DIV
SW 20V/DIV
VOUT 2V/DIV
EN 20V/DIV
POK 2V/DIV
100ms/DIV
SW 20V/DIV
VOUT 2V/DIV
EN 20V/DIV
POK 2V/DIV
100ms/DIV
10038
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com