Electronic Components Datasheet Search
  English  ▼

X  

ER3110DI Datasheet(PDF) 21 Page - Altera Corporation

Part # ER3110DI
Description  Synchronous Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ER3110DI Datasheet(HTML) 21 Page - Altera Corporation

Back Button ER3110DI Datasheet HTML 15Page - Altera Corporation ER3110DI Datasheet HTML 16Page - Altera Corporation ER3110DI Datasheet HTML 17Page - Altera Corporation ER3110DI Datasheet HTML 18Page - Altera Corporation ER3110DI Datasheet HTML 19Page - Altera Corporation ER3110DI Datasheet HTML 20Page - Altera Corporation ER3110DI Datasheet HTML 21Page - Altera Corporation ER3110DI Datasheet HTML 22Page - Altera Corporation ER3110DI Datasheet HTML 23Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Page 21
Enpirion Power Datasheet ER3110DI Wide PVIN 1A Synchronous Buck Regulator
May 2014
Altera Corporation
Layout Considerations
Proper layout of the power converter will minimize EMI and noise and insure first pass success of the design. PCB
layouts are provided in multiple formats on the Altera Enpirion web site. In addition, Figure 50 will make clear the
important points in PCB layout. In reality, PCB layout of the ER3110DI is quite simple.
A multi-layer printed circuit board with GND plane is recommended. Figure 50 shows the connections of the critical
components in the converter. Note that capacitors CIN and COUT could each represent multiple physical capacitors. The
most critical connections are to tie the PGND pin to the package GND pad and then use vias to directly connect the
GND pad to the system GND plane. This connection of the GND pad to system plane insures a low impedance path
for all return current, as well as an excellent thermal path to dissipate heat. With this connection made, place the high
frequency MLCC input capacitor near the PVIN pin and use vias directly at the capacitor pad to tie the capacitor to the
system GND plane.
The boot capacitor is easily placed on the PCB side opposite the controller IC and 2 vias directly connect the capacitor
to BOOT and SW.
Place a 1µF MLCC near the AVINO pin and directly connect its return with a via to the system GND plane.
Place the feedback divider close to the FB pin and do not route any feedback components near SW or BOOT. If external
components are used for SS, COMP or FSW the same advice applies.
L1
COUT
CVIN
CSS
RFS
FIGURE 50. PRINTED CIRCUIT BOARD POWER PLANES AND ISLANDS
RFSW
CSS
CPVIN
L1
COUT
0.47”
10038
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com