Electronic Components Datasheet Search
  English  ▼

X  

ER3110DI Datasheet(PDF) 13 Page - Altera Corporation

Part # ER3110DI
Description  Synchronous Buck Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ER3110DI Datasheet(HTML) 13 Page - Altera Corporation

Back Button ER3110DI Datasheet HTML 9Page - Altera Corporation ER3110DI Datasheet HTML 10Page - Altera Corporation ER3110DI Datasheet HTML 11Page - Altera Corporation ER3110DI Datasheet HTML 12Page - Altera Corporation ER3110DI Datasheet HTML 13Page - Altera Corporation ER3110DI Datasheet HTML 14Page - Altera Corporation ER3110DI Datasheet HTML 15Page - Altera Corporation ER3110DI Datasheet HTML 16Page - Altera Corporation ER3110DI Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Page 13
Enpirion Power Datasheet ER3110DI Wide PVIN 1A Synchronous Buck Regulator
May 2014
Altera Corporation
Functional Block Diagram
Detailed Description
The ER3110DI combines a synchronous buck PWM controller with integrated power switches. The buck controller
drives internal high-side and low-side N-channel MOSFETs to deliver load current up to 1A. The buck regulator can
operate from an unregulated DC source, such as a battery, with a voltage ranging from +3V to +36V. An internal LDO
provides bias to the low voltage portions of the IC.
Peak current mode control is utilized to simplify feedback loop compensation and reject input voltage variation. User
selectable internal feedback loop compensation further simplifies design. The ER3110DI switches at a default 500kHz.
FIGURE 41. NEGATIVE CURRENT LIMIT RECOVERY, PWM
FIGURE 42. OVER-TEMPERATURE PROTECTION, PWM
Measurements
FSW = 500kHz, VPVIN = 24V, VOUT = 3.3V, TA = +25°C (Continued)
SW 20V/DIV
VOUT 5V/DIV
IL 500mA/DIV
POK 2V/DIV
200µs/DIV
VOUT 2V/DIV
POK 2V/DIV
500µs/DIV
GATE
DRIVE
AND
DEADTIME
BIAS
LDO
OSCILLATOR
PFM
CURRENT
SET
FAULT
LOGIC
450mV/T Slope
Compensation
(PWM only)
500mV/A
Current Sense
PWM/PFM
SELECT LOGIC
EN/SOFT
START
Zero Current
Detection
PWM
PWM
600mV VREF
gm
150k
54pF
Internal
Compensation
s
R
Q
Q
POWER
GOOD
LOGIC
FB
Internal = 50µA/V
External = 230µA/V
5M
5M
PGND
SW
BOOT
AVINO
FB
FSW
SYNC
PACKAGE
PADDLE
FB
10038
May 28, 2014
Rev A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com