Electronic Components Datasheet Search
  English  ▼

X  

MAX5593EUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5593EUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5593EUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5593EUI Datasheet HTML 9Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 10Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 11Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 12Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 13Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 14Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 15Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 16Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
13
Pin Description
PIN
MAX5590
MAX5592
MAX5594
MAX5591
MAX5593
MAX5595
NAME
FUNCTION
11
AVDD
Analog Supply
22
AGND
Analog Ground
33
OUTA
DACA Output
4, 8, 17, 21
—
N.C.
No Connection. Not internally connected.
56
OUTB
DACB Output
67
OUTC
DACC Output
710
OUTD
DACD Output
911
CS
Active-Low Chip-Select Input
10
12
SCLK
Serial Clock Input
11
13
DIN
Serial Data Input
12
14
DSP
Clock Enable. Connect DSP to DVDD at power-up to transfer data on the rising edge
of SCLK. Connect DSP to GND to transfer data on the falling edge of SCLK.
Connect DSP to DGND at power-up to transfer data on the falling edge of SCLK.
13
15
DVDD
Digital Supply
14
16
DGND
Digital Ground
15
17
UPIO1
User-Programmable Input/Output 1
16
18
UPIO2
User-Programmable Input/Output 2
18
19
OUTE
DACE Output
19
22
OUTF
DACF Output
20
23
OUTG
DACG Output
22
26
OUTH
DACH Output
23
27
PU
Power-Up State Select Input. Connect PU to DVDD to set OUTA–OUTH to full scale
upon power-up. Connect PU to DGND to set OUTA–OUTH to zero upon power-up.
Leave PU floating at power-up to set OUTA–OUTH to midscale.
24
28
REF
Reference Input
—4
FBA
Feedback for DACA
—5
FBB
Feedback for DACB
—8
FBC
Feedback for DACC
—9
FBD
Feedback for DACD
—20
FBE
Feedback for DACE
—21
FBF
Feedback for DACF
—24
FBG
Feedback for DACG
—25
FBH
Feedback for DACH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com