Electronic Components Datasheet Search
  English  ▼

X  

MAX5593EUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5593EUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5593EUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5593EUI Datasheet HTML 2Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 3Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 4Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 5Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 6Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 7Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 8Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 9Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS—DSP Mode Disabled (3V, 3.3V, 5V Logic) (Figure 1)
(DVDD = 2.7V to 5.25V, GND = 0, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Frequency
fSCLK
2.7V < DVDD < 5.25V
20
MHz
SCLK Pulse-Width High
tCH
(Note 7)
20
ns
SCLK Pulse-Width Low
tCL
(Note 7)
20
ns
CS Fall to SCLK Rise Setup Time
tCSS
10
ns
SCLK Rise to CS Rise Hold Time
tCSH
5ns
SCLK Rise to CS Fall Setup
tCS0
10
ns
DIN to SCLK Rise Setup Time
tDS
12
ns
DIN to SCLK Rise Hold Time
tDH
5ns
SCLK Rise to DOUTDC1 Valid
Propagation Delay
tDO1
CL = 20pF, UPIO_ = DOUTDC1 mode
30
ns
SCLK Fall to DOUT_ Valid
Propagation Delay
tDO2
CL = 20pF, UPIO_ = DOUTDC0 or DOUTRB
mode
30
ns
CS Rise to SCLK Rise Hold Time
tCS1
MICROWIRE and SPI modes 0 and 3
10
ns
CS Pulse-Width High
tCSW
45
ns
UPIO_ TIMING CHARACTERISTICS
DOUT Tri-State Time when Exiting
DOUTDC0, DOUTDC1, and UPIO
Modes
tDOZ
CL = 20pF, from end of write cycle to UPIO_
in high impedance
100
ns
DOUTRB Tri-State Time from CS
Rise
tDRBZ
CL = 20pF, from rising edge of CS to UPIO_
in high impedance
20
ns
DOUTRB Tri-State Enable Time
from 8th SCLK Rise
tZEN
CL = 20pF, from 8th rising edge of SCLK to
UPIO_ driven out of tri-state
20
ns
LDAC Pulse-Width Low
tLDL
Figure 5
20
ns
LDAC Effective Delay
tLDS
Figure 6
100
ns
CLR, MID, SET Pulse-Width Low
tCMS
Figure 5
20
ns
GPO Output Settling Time
tGP
Figure 6
100
ns
GPO Output High-Impedance
Time
tGPZ
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com