Electronic Components Datasheet Search
  English  ▼

X  

MAX5593EUI Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX5593EUI
Description  Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5593EUI Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX5593EUI Datasheet HTML 25Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 26Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 27Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 28Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 29Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 30Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 31Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 32Page - Maxim Integrated Products MAX5593EUI Datasheet HTML 33Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Buffered, Fast-Settling, Octal, 12/10/8-Bit,
Voltage-Output DACs
______________________________________________________________________________________
31
Power-Supply and Layout Considerations
Bypass the analog and digital power supplies by using a
10µF capacitor in parallel with a 0.1µF capacitor to AGND
and DGND (Figure 10). Minimize lead lengths to reduce
lead inductance. Use shielding and/or ferrite beads to fur-
ther increase isolation.
Digital and AC transient signals coupling to AGND can
create noise at the output. Connect AGND to the high-
est quality ground available. Use proper grounding
techniques, such as a multilayer board with a low-
inductance ground plane. Wire-wrapped boards and
sockets are not recommended. For optimum system
performance, use PC boards with separate analog and
digital ground planes. Connect the two ground planes
together at the low-impedance power-supply source.
Using separate power supplies for AVDD and DVDD
improves noise immunity. Connect AGND and DGND at
the low-impedance power-supply sources (Figure 11).
MAX5590–MAX5595
VREF
10
µF*
0.1
µF*
REF
SCLK
DIN
PU
UPIO1
UPIO2
CS
DSP
AGND**
DGND**
OUTA
FBA
FBH
OUTH
MAX5591
MAX5593
MAX5595
ONLY
10
µF
0.1
µF
10
µF
0.1
µF
DVDD
AVDD
DVDD
AVDD
*REMOVE BYPASS CAPACITORS ON REF FOR AC-REFERENCE INPUTS.
**CONNECT ANALOG AND DIGITAL GROUND PLANES AT THE
LOW-IMPEDANCE POWER-SUPPLY SOURCE.
Figure 10. Bypassing Power Supplies AVDD, DVDD, and REF
MAX5590–MAX5595
0.1
µF
10
µF
AVDD
AGND
AVDD
AGND
0.1
µF
10
µF
DVDD
DGND
DVDD
DGND
DVDD
DGND
ANALOG SUPPLY
DIGITAL SUPPLY
DIGITAL
CIRCUITRY
Figure 11. Separate Analog and Digital Power Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com