Electronic Components Datasheet Search
  English  ▼

X  

MIC5256 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5256
Description  150mA UCap LDO with Error Flag
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5256 Datasheet HTML 3Page - Micrel Semiconductor MIC5256 Datasheet HTML 4Page - Micrel Semiconductor MIC5256 Datasheet HTML 5Page - Micrel Semiconductor MIC5256 Datasheet HTML 6Page - Micrel Semiconductor MIC5256 Datasheet HTML 7Page - Micrel Semiconductor MIC5256 Datasheet HTML 8Page - Micrel Semiconductor MIC5256 Datasheet HTML 9Page - Micrel Semiconductor MIC5256 Datasheet HTML 10Page - Micrel Semiconductor MIC5256 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MIC5256
Micrel
June 2003
7
MIC5256
Functional Characteristics
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
V
IN = 4V
100
µA
150mA
Load Transient Response
TIME (4
µs/div)
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
I
OUT = 100µA
Line Transient Response
TIME (400
µs/div)
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
I
OUT = 100µA
Enable Pin Delay
TIME (10
µs/div)
C
IN = 1µF Ceramic
C
OUT = 1µF Ceramic
I
L = 100µA
Shutdown Delay
TIME (400
µs/div)
Error Flag Start-up*
TIME (400
µs/div)
Error Flag Shutdown*
TIME (400
µs/div)
* See Test Circuit Figure 1
* See Test Circuit Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com